Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA510F Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA510F
Description  44-V, 5.5-A, quad power half bridge
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510F Datasheet(HTML) 3 Page - STMicroelectronics

  STA510F Datasheet HTML 1Page - STMicroelectronics STA510F Datasheet HTML 2Page - STMicroelectronics STA510F Datasheet HTML 3Page - STMicroelectronics STA510F Datasheet HTML 4Page - STMicroelectronics STA510F Datasheet HTML 5Page - STMicroelectronics STA510F Datasheet HTML 6Page - STMicroelectronics STA510F Datasheet HTML 7Page - STMicroelectronics STA510F Datasheet HTML 8Page - STMicroelectronics STA510F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STA510F
Pin description
3/11
18
NC
Not connected
19
GND-clean
Logical ground
20
GND-Reg
Ground for regulator Vdd
21, 22
Vdd
5V Regulator referred to ground
23
VL
High logical state setting voltage
24
CONFIG
Configuration
25
PWRDN
Stand-by
26
TRI-STATE
Hi-Z
27
FAULT
Fault pin advisor
28
TH-WAR
Thermal warning advisor
29
IN1A
Input of half bridge 1A
30
IN1B
Input of half bridge 1B
31
IN2A
Input of half bridge 2A
32
IN2B
Input of half bridge 2B
33, 34
Vss
5-V regulator referred to +Vcc
35, 36
VCCSIGN
Signal positive supply
Table 3.
Pin
Logical value
Device status
FAULT (1)
1.
The pin is open collector. To have the high logic value, it needs a pull-up resistor.
0
Fault detected (short circuit, or thermal)
1
Normal operation
TRI-STATE
0
All power stages in Hi-Z state
1
Normal operation
PWRDN
0
Low-power mode
1
Normal operation
THWAR (1)
0
Temperature of the IC =130° C
1
Normal operation
CONFIG (2)
2.
CONFIG = 1 means connect Pin 24 (CONFIG) to Pins 21, 22 (Vdd).
0
Normal Operation
1
OUT1A = OUT1B, OUT2A = OUT2B
(IF IN1A = IN1B and IN2A = IN2B)
Table 2.
Pin list (continued)
Pin
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com