Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA510F Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA510F
Description  44-V, 5.5-A, quad power half bridge
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510F Datasheet(HTML) 4 Page - STMicroelectronics

  STA510F Datasheet HTML 1Page - STMicroelectronics STA510F Datasheet HTML 2Page - STMicroelectronics STA510F Datasheet HTML 3Page - STMicroelectronics STA510F Datasheet HTML 4Page - STMicroelectronics STA510F Datasheet HTML 5Page - STMicroelectronics STA510F Datasheet HTML 6Page - STMicroelectronics STA510F Datasheet HTML 7Page - STMicroelectronics STA510F Datasheet HTML 8Page - STMicroelectronics STA510F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical specifications
STA510F
4/11
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Electrical specifications
Unless otherwise stated, the results in Table 6 below are given for the conditions: VL =3.3 V,
Vcc = 37 V and T = 25° C unless otherwise specified.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage (Pin 4, 7, 12, 15)
44
V
Vmax
Maximum voltage on pins 23 to 32
5.5
V
ESD
Max ESD on pins (HBM)
±1000
V
Top
Operating temperature range
0 to 70
° C
Tstg, Tj
Storage and junction temperature
-40 to 150
° C
Table 5.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Tj-case
Thermal resistance junction to case (thermal pad)
1
2.5
°C/W
TjSD
Thermal shut-down junction temperature
150
° C
Twarn
Thermal warning temperature
130
° C
thSD
Thermal shut-down hysteresis
25
° C
Table 6.
Electrical specifications
Symbol
Parameter
Condition
Min
Typ
Max
Unit
RdsON
Power Pchannel/Nchannel
MOSFET RdsON
Id = 1 A
150
200
m
Ω
Idss
Power Pchannel/Nchannel
leakage current
100
µA
gN
Power Pchannel RdsON
matching
Id = 1 A
95
%
gP
Power Nchannel RdsON
matching
Id = 1 A
95
%
Dt_s
Low current dead time (static)
see test circuit Figure 3
10
20
ns
Dt_d
High current dead time
(dynamic)
L=22
µH, C = 470nF,
RL = 8 Ω, Id = 4.5 A,
see test circuit Figure 4
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com