Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17W. Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFS17W.
Description  NPN 1 GHz wideband transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFS17W. Datasheet(HTML) 2 Page - NXP Semiconductors

  BFS17W. Datasheet HTML 1Page - NXP Semiconductors BFS17W. Datasheet HTML 2Page - NXP Semiconductors BFS17W. Datasheet HTML 3Page - NXP Semiconductors BFS17W. Datasheet HTML 4Page - NXP Semiconductors BFS17W. Datasheet HTML 5Page - NXP Semiconductors BFS17W. Datasheet HTML 6Page - NXP Semiconductors BFS17W. Datasheet HTML 7Page - NXP Semiconductors BFS17W. Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1995 Sep 04
2
NXP Semiconductors
Product specification
NPN 1 GHz wideband transistor
BFS17W
APPLICATIONS
Primarily intended as a mixer,
oscillator and IF amplifier in UHF and
VHF tuners.
DESCRIPTION
Silicon NPN transistor in a plastic
SOT323 (S-mini) package. The
BFS17W uses the same crystal as
the SOT23 version, BFS17.
PINNING
PIN
DESCRIPTION
1base
2emitter
3
collector
Fig.1 SOT323
handbook, 2 columns
3
12
MBC870
Top view
Marking code: E1
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the collector pin.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage

25
V
VCEO
collector-emitter voltage

15
V
IC
DC collector current

50
mA
Ptot
total power dissipation
up to Ts =118 C; note 1

300
mW
hFE
DC current gain
IC =2mA; VCE =1V
25
90
fT
transition frequency
IC =25mA; VCE =5V
1.6
GHz
Cc
collector capacitance
IE =0; VCB =10V; f=1MHz
0.8
1.5
pF
Cre
feedback capacitance
IC =1mA; VCE =5V; f= 1MHz
0.75
pF
Tj
junction temperature

175
C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
25
V
VCEO
collector-emitter voltage
open base
15
V
VEBO
emitter-base voltage
open collector
2.5
V
IC
collector current (DC)
50
mA
Ptot
total power dissipation
Ts =118 C; note 1
300
mW
Tstg
storage temperature
65
+150
C
Tj
junction temperature
175
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com