Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17W. Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFS17W.
Description  NPN 1 GHz wideband transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFS17W. Datasheet(HTML) 3 Page - NXP Semiconductors

  BFS17W. Datasheet HTML 1Page - NXP Semiconductors BFS17W. Datasheet HTML 2Page - NXP Semiconductors BFS17W. Datasheet HTML 3Page - NXP Semiconductors BFS17W. Datasheet HTML 4Page - NXP Semiconductors BFS17W. Datasheet HTML 5Page - NXP Semiconductors BFS17W. Datasheet HTML 6Page - NXP Semiconductors BFS17W. Datasheet HTML 7Page - NXP Semiconductors BFS17W. Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1995 Sep 04
3
NXP Semiconductors
Product specification
NPN 1 GHz wideband transistor
BFS17W
THERMAL CHARACTERISTICS
Note
1. Ts is the temperature at the soldering point of the collector pin.
CHARACTERISTICS
Tj =25 C (unless otherwise specified).
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
up to Ts =118 C; note 1
190
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE =0; VCB =10V

10
nA
hFE
DC current gain
IC =2mA; VCE =1V
25
90
fT
transition frequency
IC =25mA; VCE =5V;
f= 500MHz
1.6
GHz
Cc
collector capacitance
IE =ie =0; VCB =10V;
f= 1MHz
0.8
1.5
pF
Ce
emitter capacitance
IC =ic =0; VEB =0.5 V;
f= 1MHz
2
pF
Cre
feedback capacitance
IB =ib =0; VCE =5V;
f= 1MHz; Tamb =25 C
0.75
pF
F
noise figure
IC =2mA; VCE =5V;
f= 500MHz;
S = opt
4.5
dB
Fig.2 Power derating curve.
handbook, halfpage
0
50
100
200
200
0
MLB587
150
T
( C)
o
s
Ptot
(mW)
300
400
100
Fig.3
DC current gain as a function of collector
current; typical values.
VCE =1 V.
handbook, halfpage
60
20
40
MBG237
0
110
hFE
IC (mA)
10−1
102



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com