Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF403PAL Datasheet(PDF) 1 Page - Europa PLC

Part # FF403PAL
Description  Aluminium Enclosed IP65 3P & 3P Switched Neutral
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC

FF403PAL Datasheet(HTML) 1 Page - Europa PLC

  FF403PAL Datasheet HTML 1Page - Europa PLC FF403PAL Datasheet HTML 2Page - Europa PLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data :FF403PAL/PSNAL AC-22@400V(415V)
Aluminium Enclosed IP65 3P & 3P + Switched Neutral
Firefighter's Swith
Data Sheet
This document must be retained for future reference
It is the responsibility of the person installing the electrical equipment to ensure that the installation meets the requirements of the IET wiring
regulations and is therefore "fit for purpose". Factors such as correct selection of components, cable sizing, protective devices and Earth bonding
are all critical and should be checked prior to full testing and power-up. Any other regulations applicable to the equipment being installed such
as the Machinery Directive and current health and safety legislation must also be adhered to.
All connections (including factory made) must be checked for the correct tightness prior to commisioning of the electrical installation.
All connections should also be inspected periodically to ensure correct tightness.
DO NOT USE POWER TOOLS ON THIS PRODUCTS
Page 1 of 2
Europa House, Airport Way, Luton, Bedfordshire, LU2 9NH
Technical: 01582 692 444 technical@europa-plc.com
www.europa-plc.com
EDS1174-003
Standard
EN / BS 60947-3
Data
Range
Units
FF403PAL
FF403PSNAL
Rated Operational Voltage Ue
Volts
V
690
Rated Insulation voltage Ui
Volts
V
690
Rated impulse withstand Voltage Uimp
Volts
kV
6
Rated thermal current at 40°C
Amps
A
40
Rated uninterrupted current Iu
Amps
A
40
Pollution degree
-
-
2
Rated Operational current Ie
IEC&EN
AC-21A
690V
A
40
AC-22A
400 (415) V
A
40
AC-22A
690V
A
32
AC-23A
400 (415) V
A
25
AC-23A
690V
A
17
Rated Operational Power Pe AC-23A (50 Hz)
IEC&EN
3Phase
400 (415) V
kW
11
690 V
kW
15
Short Circuit Capacity (IEC)
Max .Fuse size (Type gG)
Amp
A
40
Rated fused short circuit current
Amp
kA
25
Terminal Specification
Single/Multiple strand wire/Fine strand
Min-mm²
2.5
Max-mm²
6
Recommended Tightening Torque
Nm
1.2


Similar Part No. - FF403PAL

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FF400 COOPER-FF400 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Infineon Technologies A...
FF4000UXTR33T2M1 INFINEON-FF4000UXTR33T2M1 Datasheet
908Kb / 17P
XHP™2 module with CoolSiC™ Trench MOSFET
Revision 1.00 2024-07-05
logo
eupec GmbH
FF400R06KE3 EUPEC-FF400R06KE3 Datasheet
289Kb / 8P
62mm C-Serien module with trench/fieldstop IGBT3 and EmCon3 diode
logo
Infineon Technologies A...
FF400R06KE3 INFINEON-FF400R06KE3 Datasheet
470Kb / 8P
62mm C-Serien Modul mit Trench
2013-10-03 revision:3.0
FF400R07A01E3_S6 INFINEON-FF400R07A01E3_S6 Datasheet
734Kb / 13P
Double Side Cooled Module
V3.4, 2020-04-15
More results

Similar Description - FF403PAL

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF4GE SCHNEIDER-VCF4GE Datasheet
117Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, IP65
Jul 12, 2021
VCF2GE SCHNEIDER-VCF2GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 32A, IP65
Jul 12, 2021
VCF02GE SCHNEIDER-VCF02GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 10A, IP65
Jul 12, 2021
VCF1GE SCHNEIDER-VCF1GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 25A, IP65
Jul 12, 2021
VCF01GE SCHNEIDER-VCF01GE Datasheet
163Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 16A, IP65
Jul 12, 2021
VBF4GE SCHNEIDER-VBF4GE Datasheet
132Kb / 3P
TeSys Vario enclosed, main switch disconnector, 63A, IP65
Jul 12, 2021
VBF3GE SCHNEIDER-VBF3GE Datasheet
132Kb / 3P
TeSys Vario enclosed, main switch disconnector, 50A, IP65
Jul 12, 2021
VBF2GE SCHNEIDER-VBF2GE Datasheet
124Kb / 3P
TeSys Vario enclosed, main switch disconnector, 32A, IP65
Jul 12, 2021
logo
TE Connectivity Ltd
CJH TEC-CJH Datasheet
152Kb / 4P
Aluminium Enclosed Resistor
Rev. B 06/2022
CJP TEC-CJP Datasheet
199Kb / 4P
Aluminium Enclosed Resistor
Rev B 06/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com