Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF403PAL Datasheet(PDF) 2 Page - Europa PLC

Part # FF403PAL
Description  Aluminium Enclosed IP65 3P & 3P Switched Neutral
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC

FF403PAL Datasheet(HTML) 2 Page - Europa PLC

  FF403PAL Datasheet HTML 1Page - Europa PLC FF403PAL Datasheet HTML 2Page - Europa PLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3 Pole +
Switched Neutral
3 Pole + Neutral
Page 2 of 2
Europa House, Airport Way, Luton, Bedfordshire, LU2 9NH
Technical: 01582 692 444 technical@europa-plc.com
www.europa-plc.com
EDS1174-003
Switch Configuration:
Note : Neutral contact is Early make / Late Break
Technical Data :FF403PAL/PSNAL AC-22@400V(415V)
Aluminium Enclosed IP65 3P & 3P + Switched Neutral
Firefighter's Swith
Enclosure Dimensions:
ON
OFF
FIREFIGHTER'S
SWITCH
M16
69
55
109
126
Top Cable Entry
Bottom Cable Entry
2 X M25
Top Cable Entry
2 X M25
N
N
6/T3
4/T4
2/T1
5/L3
3/L2
1/L1
86
N
N
6/T3
4/T4
2/T1
5/L3
3/L2
1/L1
Ø5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com