Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P8C Datasheet(PDF) 2 Page - Pro-Signal

Part # 8P8C
Description  Patch Lead CAT 6A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

8P8C Datasheet(HTML) 2 Page - Pro-Signal

  8P8C Datasheet HTML 1Page - Pro-Signal 8P8C Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <2>
V1.0
31/05/16
Patch Lead CAT 6A
Part Number Table
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Length Colour Part Number
Patch Lead CAT 6A,
LSOH
0.5m
Black
PSG90791
1m
PSG90792
2m
PSG90793
3m
PSG90794
5m
PSG90795
10m
PSG90796
0.5m
Grey
PSG90797
1m
PSG90798
2m
PSG90799
3m
PSG90800
5m
PSG90801
10m
PSG90802
0.5m
Blue
PSG90803
1m
PSG90804
2m
PSG90805
3m
PSG90806
5m
PSG90807
10m
PSG90808
Description
Length Colour Part Number
Patch Lead CAT 6A,
LSOH
0.5m
Yellow
PSG90809
1m
PSG90810
2m
PSG90811
3m
PSG90812
5m
PSG90813
10m
PSG90814
0.5m
Green
PSG90815
1m
PSG90816
2m
PSG90817
3m
PSG90818
5m
PSG90819
10m
PSG90820
0.5m
Red
PSG90821
1m
PSG90822
2m
PSG90823
3m
PSG90824
5m
PSG90825
10m
PSG90826



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com