Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P8C Datasheet(PDF) 1 Page - Pro-Signal

Part # 8P8C
Description  Patch Lead CAT 6A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

8P8C Datasheet(HTML) 1 Page - Pro-Signal

  8P8C Datasheet HTML 1Page - Pro-Signal 8P8C Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
31/05/16
Patch Lead CAT 6A
View
Pin Out
Dimensions : Millimetres
No. Part Name
Description
QTY
1
8P8C Plug RJ45 8P8Cs, double stent, CAT. 6A pain Plated Gold 3μ; All
Shell Plated nickel, transparent circle type.
2
2
Outer Mold PVC, Colour : Black, Grey, Blue, Yellow, Green and Red
2
3
Cable
CAT.6A (7/0.16BC×1P+A)×4 SSTP B=0.12mm/5×16
AL-MG, Jacket: HF/Colour: Grey OD:6.5mm
1
Note:
Electrical Test:
100% open short & miss wire test
Insulation resistance : DC 300V 3MΩ
Contractor Resistance : 3Ω


Similar Part No. - 8P8C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8P8C ETC2-8P8C Datasheet
148Kb / 2P
Modular Plug
More results

Similar Description - 8P8C

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCSP-80050-Y-R ASSMANN-A-MCSP-80050-Y-R Datasheet
80Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCSP-80100-G-R ASSMANN-A-MCSP-80100-G-R Datasheet
80Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCSSP60005-B-R ASSMANN-A-MCSSP60005-B-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60005-G-R ASSMANN-A-MCSSP60005-G-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60010-B-R ASSMANN-A-MCSSP60010-B-R Datasheet
61Kb / 1P
CAT.6SFTP PATCH CABLE
A-MCSSP60030-G-R ASSMANN-A-MCSSP60030-G-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60050-R ASSMANN-A-MCSSP60050-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60070-B-R ASSMANN-A-MCSSP60070-B-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
logo
List of Unclassifed Man...
PS11001 ETC1-PS11001 Datasheet
254Kb / 3P
Patch Lead - CAT 5E
logo
Glenair, Inc.
963-003 GLENAIR-963-003 Datasheet
172Kb / 1P
Avionic Cat 6a Ethernet Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com