Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR01 Datasheet(PDF) 17 Page - Vishay Siliconix

Part # PR01
Description  Power Metal Film Leaded Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR01 Datasheet(HTML) 17 Page - Vishay Siliconix

Back Button PR01 Datasheet HTML 12Page - Vishay Siliconix PR01 Datasheet HTML 13Page - Vishay Siliconix PR01 Datasheet HTML 14Page - Vishay Siliconix PR01 Datasheet HTML 15Page - Vishay Siliconix PR01 Datasheet HTML 16Page - Vishay Siliconix PR01 Datasheet HTML 17Page - Vishay Siliconix PR01 Datasheet HTML 18Page - Vishay Siliconix PR01 Datasheet HTML 19Page - Vishay Siliconix PR01 Datasheet HTML 20Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
PR01, PR02, PR03
www.vishay.com
Vishay BCcomponents
Revision: 10-Sep-15
17
Document Number: 28729
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
Type with straight leads
DIMENSIONS - Straight lead type and relevant physical dimensions; see straight leads outline
TYPE
Ø DMAX.
(mm)
L1 MAX.
(mm)
L2 MAX.
(mm)
TERMINATION WIRE MATERIAL (Cu OR FeCu)
AND WIRE DIAMETER (Ø d)
MASS
(mg)
MATERIAL
Ø d
(mm)
PR01
2.5
6.5
8.0
Cu
0.58 ± 0.05
212
FeCu
0.58 ± 0.05
207
PR02
3.9
10.0
12.0
Cu
0.78 ± 0.05
504
FeCu
0.58 ± 0.05
455
FeCu
0.78 ± 0.05
496
PR03
5.2
16.7
19.5
Cu
0.78 ± 0.05
1192
FeCu
0.58 ± 0.05
1079
FeCu
0.78 ± 0.05
1185
DIMENSIONS - Double kink lead type and relevant physical dimensions; see double kinked outline
TYPE
Ø DMAX.
(mm)
L1 MAX.
(mm)
L2 MAX.
(mm)
TERMINATION WIRE
MATERIAL
(Cu OR FeCu) AND
WIRE DIAMETER (Ø d)
MASS
(mg)
PITCH
(mm)
P1
(mm)
P2
(mm)
b1
(mm)
b2
(mm)
SMAX.
(mm)
Ø B
(mm)
MATERIAL
Ø d
(mm)
PR01
2.5
6.5
8.0
Cu
0.58
± 0.05
212
17.8
17.8
± 0.5
17.8
± 3
1.10
+ 0.25 / - 0.20
1.45
+ 0.25 / - 0.20
2
0.8
± 0.07
FeCu
0.58
± 0.05
207
12.5
12.5
± 0.5
12.5
± 3
1.10
+ 0.25 / - 0.20
1.45
+ 0.25 / - 0.20
2
0.8
± 0.07
FeCu
0.58
± 0.05
207
17.8
17.8
± 0.5
17.8
± 3
1.10
+ 0.25 / - 0.20
1.45
+ 0.25 / - 0.20
2
0.8
± 0.07
PR02
3.9
10.0
12.0
Cu
0.78
± 0.05
504
17.8
17.8
± 0.5
17.8
± 3
1.10
+ 0.25 / - 0.20
1.45
+ 0.25 / - 0.20
2
1.0
± 0.07
FeCu
0.58
± 0.05
455
17.8
17.8
± 0.5
17.8
± 3
1.10
+ 0.25 / - 0.20
1.45
+ 0.25 / - 0.20
2
0.8
± 0.07
FeCu
0.78
± 0.05
496
15.0
15.0
± 0.5
15.0
± 3
1.30
+ 0.25 / - 0.20
1.65
+ 0.25 / - 0.20
2
1.0
± 0.07
PR03
5.2
16.7
19.5
Cu
0.78
± 0.05
1192
25.4
25.4
± 0.5
25.4
± 3
1.10
+ 0.25 / - 0.20
1.65
+ 0.25 / - 0.20
2
1.0
± 0.07
FeCu
0.58
± 0.05
1079
25.4
25.4
± 0.5
25.4
± 3
1.10
+ 0.25 / - 0.20
1.65
+ 0.25 / - 0.20
2
1.0
± 0.07
FeCu
0.78
± 0.05
1185
20
22.0
± 0.5
20.0
± 3
1.30
+ 0.25 / - 0.20
2.15
+ 0.25 / - 0.20
2
1.0
± 0.07
L
1
d
D
L
2
Ø D
P
1 ± 0.5
S
Ø B
± 0.07
Ø d
b
1
4.5
+ 1
0
b
2
8 + 2
L
1
L
2
P
2 ± 3
P
1 ± 0.5
Type with double kink
Dimensions in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com