Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR01 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PR01
Description  Power Metal Film Leaded Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR01 Datasheet(HTML) 3 Page - Vishay Siliconix

  PR01 Datasheet HTML 1Page - Vishay Siliconix PR01 Datasheet HTML 2Page - Vishay Siliconix PR01 Datasheet HTML 3Page - Vishay Siliconix PR01 Datasheet HTML 4Page - Vishay Siliconix PR01 Datasheet HTML 5Page - Vishay Siliconix PR01 Datasheet HTML 6Page - Vishay Siliconix PR01 Datasheet HTML 7Page - Vishay Siliconix PR01 Datasheet HTML 8Page - Vishay Siliconix PR01 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PR01, PR02, PR03
www.vishay.com
Vishay BCcomponents
Revision: 10-Sep-15
3
Document Number: 28729
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The products can be ordered using either the PRODUCT DESCRIPTION or the PART NUMBER.
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: PR02000201001JA100
TYPE/SIZE
VARIANT
WIRE TYPES
TCR/MATERIAL
RESISTANCE
TOLERANCE
PACKAGING
SPECIAL
PR0100
PR0200
PR0300
0 = neutral
Z = value
overflow
(special)
1 = Cu 0.58
(PR01)
2 = Cu 0.78
(PR02, PR03)
3 = FeCu 0.58
(PR01, PR02,
PR03)
4 = FeCu 0.78
(PR02, PR03)
0 = standard
3 digit value
1 digit multiplier
Multiplier
7 = *10-3
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
F = ± 1 %
J = ± 5 %
N4
N3
A5
A1
AC
R5
R2
L1
DC
K1
B1
PC
00 =
standard
Product Description: PR02 5 % A1 1K0
PR02
5 %
A1
1K0
TYPE
TOLERANCE
PACKAGING
RESISTANCE VALUE
PR01
PR02
PR03
1 %
5 %
N4
N3
A5
A1
AC
R5
R2
L1
DC
K1
B1
PC
1K0 = 1 k
4K75 = 4.75 k
PACKAGING
PRODUCT
TYPE
CODE
QUANTITY
DESCRIPTION
PITCH
TAPE
WIDTH
DIMENSION
PR01
A5
5000
Ammo pack acc. to IEC 60286-1
5 mm
52 mm
75 mm x 114 mm x 260 mm
A1
1000
Ammo pack acc. to IEC 60286-1
5 mm
52 mm
78 mm x 31 mm x 260 mm
N4
4000
Ammo pack acc. to IEC 60286-2
-
-
45 mm x 262 mm x 330 mm
L1
1000
Loose in bulk
-
-
105 mm x 70 mm x 205 mm
K1
1000
Loose in bulk
-
-
105 mm x 70 mm x 205 mm
R5
5000
Reel pack acc. to IEC 60286-1
5 mm
52 mm
93 mm x 300 mm x 298 mm
PR02
A1
1000
Ammo pack acc. to IEC 60286-1
5 mm
52 mm
72 mm x 60 mm x 258 mm
N3
3000
Ammo pack acc. to IEC 60286-2
-
-
45 mm x 262 mm x 330 mm
L1
1000
Loose in bulk
-
-
105 mm x 70 mm x 205 mm
B1
1000
Loose in bulk
-
-
105 mm x 70 mm x 205 mm
R5
5000
Reel pack acc. to IEC 60286-1
5 mm
52 mm
100 mm x 375 mm x 375 mm
R2
2000
Reel pack acc. to IEC 60286-2
-
-
90 mm x 375 mm x 375 mm
PR03
AC
500
Ammo pack acc. to IEC 60286-1
5 mm
63 mm
83 mm x 58 mm x 256 mm
DC
500
Loose in bulk
-
-
105 mm x 70 mm x 205 mm
PC
500
Loose in bulk
-
-
105 mm x 70 mm x 205 mm
R
020
002
01
P
01J
A
1
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com