Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PTS
Description  Platinum SMD Flat Chip Temperature Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTS Datasheet(HTML) 2 Page - Vishay Siliconix

  PTS Datasheet HTML 1Page - Vishay Siliconix PTS Datasheet HTML 2Page - Vishay Siliconix PTS Datasheet HTML 3Page - Vishay Siliconix PTS Datasheet HTML 4Page - Vishay Siliconix PTS Datasheet HTML 5Page - Vishay Siliconix PTS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PTS Series
www.vishay.com
Vishay Beyschlag
Revision: 28-Sep-15
2
Document Number: 28762
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
SOLDER PAD DIMENSIONS in millimeters
DESCRIPTION
A homogeneous film of platinum is deposited on a high
grade (Al2O3) ceramic substrate and conditioned to achieve
the correct temperature coefficient and stability. The
sensor-elements are covered by a protective coating
designed for electrical, mechanical and climatic protection.
The terminations receive a final pure matte tin on nickel
plating, the immunity against tin whisker growth has been
proven under extensive testing.
QUALITY
The result of the determined production is verified by an
extensive testing procedure performed on 100 % of the
individual sensors. Only accepted products are laid directly
into the paper tape in accordance with IEC 60286-3.
STORAGE
Solderability is specified for 2 years after production or
re-qualification. The permitted storage time is 2 years.
ASSEMBLY
The Pt-sensors are suitable for processing on automatic
SMD assembly systems. They are suitable for automatic
soldering using wave, reflow or vapour phase. The
encapsulation
is
resistant
to
all
cleaning
solvents
commonly used in the electronics industry, including
alcohols, esters and aqueous solutions. The suitability of
conformal coatings, if applied, shall be qualified by
appropriate means to ensure the long-term stability of the
whole system. The use of potting resins in close contact
with the coating or terminations is not allowed. For frequent
high temperature usage, thermal compatible substrates and
solder alloys should be used, to minimize any thermal
mismatch with the component.
All products comply with the CEFIC-EECA-EICTA list of
legal restrictions on hazardous substances.
This includes full compatibility with the following directives:
• 2000/53/EC End of Vehicle life Directive (ELV)
• 2000/53/EC Annex II to End of Vehicle Life Directive
(ELV II)
• 2011/65/EU
Restriction
of
the
use
of
Hazardous
Substances Directive (RoHS)
• 2002/96/EC Waste Electrical and Electronic Equipment
Directive (WEEE)
APPROVALS
The Pt-sensors are tested in accordance with
• IEC 60751
• IEC 60068 series
DIMENSIONS - PTS sensor types, mass and relevant physical dimensions
TYPE
H
L
W
WT
Tt
Tb
MASS
(mg)
PTS 0603
0.45 + 0.1/- 0.05
1.55 ± 0.05
0.85 ± 0.1
> 75 % of W
0.3 + 0.15/- 0.2
0.3 + 0.15/- 0.2
1.9
PTS 0805
0.45 + 0.1/- 0.05
2.0 ± 0.1
1.25 ± 0.15
> 75 % of W
0.4 + 0.1/- 0.2
0.4 + 0.1/- 0.2
4.6
PTS 1206
0.55 ± 0.1
3.1 + 0.1/- 0.2
1.6 ± 0.15
> 75 % of W
0.5 ± 0.25
0.5 ± 0.25
9.2
RECOMMENDED SOLDERPAD DIMENSIONS
TYPE
WAVE SOLDERING
REFLOW SOLDERING
GY
X
Z
GY
X
Z
PTS 0603
0.55
1.1
1.1
2.75
0.65
0.7
0.95
2.05
PTS 0805
0.8
1.25
1.50
3.2
0.9
0.9
1.4
2.7
PTS 1206
1.4
1.5
1.9
4.4
1.5
1.15
1.75
3.8
Tb
Tt
L
H
W
WT
G
X
Y
Z



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com