Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PTS
Description  Platinum SMD Flat Chip Temperature Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTS Datasheet(HTML) 3 Page - Vishay Siliconix

  PTS Datasheet HTML 1Page - Vishay Siliconix PTS Datasheet HTML 2Page - Vishay Siliconix PTS Datasheet HTML 3Page - Vishay Siliconix PTS Datasheet HTML 4Page - Vishay Siliconix PTS Datasheet HTML 5Page - Vishay Siliconix PTS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PTS Series
www.vishay.com
Vishay Beyschlag
Revision: 28-Sep-15
3
Document Number: 28762
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION
(2) The part number is shown to facilitate the introduction of a unified part numbering system
(3) Please refer to table PACKAGING
(4) We recommend that the Production Description is used to minimize the possibility of errors in order handling
FUNCTIONAL PERFORMANCE
The temperature resistance relationships of the PTS series
follow different equations:
For the temperature range of -55 °C up to 0 °C:
RT = R0 x (1 + A x T + B x T2 + C x (T - 100 °C) x T3)
And for the temperature range of 0 °C up to +155 °C:
RT = R0 x (1 + A x T + B x T2)
RT: Resistance as a function of temperature
R0: Nominal resistance value at 0 °C
T: Temperature in °C
Coefficients according to IEC 60751:
A = 3.9083 x 10-3 °C-1
B = -5.775 x 10-7 °C-2
C = -4.183 x 10-12 °C-4
The tolerances values of the PTS series are classified by the
following equations as specified by IEC 60751:
Class F0.3:
T
F0.3 = ± (0.30 + 0.005 x |T|)
Class F0.6:
T
F0.6 = ± (0.60 + 0.010 x |T|)
PART NUMBER AND PRODUCT DESCRIPTION (1)
PART NUMBER (2): PTS060301B100RP100
TYPE
SIZE CODE
SPECIAL
CHARACTER
TOLERANCE
CLASS
RESISTANCE
VALUE
PACKAGING (3)
SPECIAL
3 digits
4 digits
1 digit
2 digits
4 digits
2 digits
2 digits
PTS = Platinum
Temperature
Sensor SMD
0603
0805
1206
0 = neutral
1B = class F0.3
2B = class F0.6
100R = 100
500R = 500
1K00 = 1000
PU
P1
00 = standard
PRODUCT DESCRIPTION (4): PTS 0603-B P1 100R
PTS
0603
-B
P1
100R
TYPE
SIZE CODE
TOLERANCE
CLASS
PACKAGING (3)
RESISTANCE VALUE
PTS = Platinum
Temperature
Sensor SMD
0603
0805
1206
B = Class F0.3
2B = Class F0.6
PU
P1
100R = 100
500R = 500
1K = 1000
PACKAGING
TYPE
CODE
QUANTITY
CARRIER
TAPE
WIDTH
PITCH
BOX/REEL
BOX/REEL
DIAMETER
PTS 0603
PTS 0805
PTS 1206
PU
100
Paper tape acc.
IEC 60286-3
8 mm
4 mm
Box
114 mm
P1
1000
Reel
180 mm/7"
06
S
T
P0
3
1
B
1
0
0
R
P
1
0
0
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com