Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS11308 Datasheet(PDF) 2 Page - Pro-Signal

Part # PS11308
Description  PSG90809
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PS11308 Datasheet(HTML) 2 Page - Pro-Signal

  PS11308 Datasheet HTML 1Page - Pro-Signal PS11308 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <2>
V1.0
30/05/16
Patch Lead CAT 6
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Length
Colour
Part Number
Patch Lead CAT 6
1m
Violet
PS11191
2m
PS11192
3m
PS11193
5m
PS11194
10m
PS11195
0.5m
Black
PS11196
1m
PS11197
2m
PS11198
3m
PS11199
5m
PS11200
10m
PS11201
0.5m
Orange
PS11202
1m
PS11203
2m
PS11204
3m
PS11205
5m
PS11206
10m
PS11207
0.5m
Pink
PS11208
1m
PS11209
2m
PS11210
3m
PS11211
5m
PS11212
10m
PS11213
Description
Length
Colour
Part Number
Patch Lead CAT 6
0.2m
Grey
PS11304
0.2m
Red
PS11305
0.2m
Yellow
PS11306
0.2m
Green
PS11307
0.2m
Blue
PS11308
0.2m
Black
PS11310
0.2m
Orange
PS11311
0.2m
Pink
PS11312
15m
UTP Violet
PSG90956
15m
UTP Black
PSG90957
20m
PSG90958
25m
PSG90959
30m
PSG90960
15m
UTP Orange
PSG90961
15m
UTP Pink
PSG90962
0.2m
UTP White
PSG90963
0.5m
PSG90964
1m
PSG90965
2m
PSG90966
3m
PSG90967
5m
PSG90968
10m
PSG90969
15m
PSG90970



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com