Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS11308 Datasheet(PDF) 1 Page - Pro-Signal

Part # PS11308
Description  PSG90809
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PS11308 Datasheet(HTML) 1 Page - Pro-Signal

  PS11308 Datasheet HTML 1Page - Pro-Signal PS11308 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
30/05/16
Patch Lead CAT 6
Description
RJ45 to RJ45 Category 6 patch cable with low profile strain reliefs.
Description
Length
Colour
Part Number
Patch Lead CAT 6
0.5m
Grey
PS11140
1m
PS11141
2m
PS11142
3m
PS11143
5m
PS11144
10m
PS11145
15m
PS11146
20m
PS11147
25m
PS11148
30m
PS11149
0.5m
Red
PS11150
1m
PS11151
2m
PS11152
3m
PS11153
5m
PS11154
10m
PS11155
15m
PS11156
30m
PS11159
0.5m
Yellow
PS11160
1m
PS11161
2m
PS11162
3m
PS11163
5m
PS11164
10m
PS11165
Part Number Table
Description
Length
Colour
Part Number
Patch Lead CAT 6
15m
Yellow
PS11166
20m
PS11167
30m
PS11169
0.5m
Green
PS11170
1m
PS11171
2m
PS11172
3m
PS11173
5m
PS11174
10m
PS11175
15m
PS11176
20m
PS11177
25m
PS11178
30m
PS11179
0.5m
Blue
PS11180
1m
PS11181
2m
PS11182
3m
PS11183
5m
PS11184
10m
PS11185
15m
PS11186
20m
PS11187
25m
PS11188
30m
PS11189
0.5m
Violet
PS11190


Similar Part No. - PS11308

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PS113 SITI-PS113 Datasheet
150Kb / 10P
3-Channel Secondary Monitoring IC
logo
List of Unclassifed Man...
PS11336 ETC-PS11336 Datasheet
198Kb / 7P
Duplex Fibre Patchcords
22/10/11 V1.1
PS11336 ETC-PS11336_V01 Datasheet
198Kb / 7P
Duplex Fibre Patchcords
22/10/11 V1.1
PS11337 ETC-PS11337 Datasheet
198Kb / 7P
Duplex Fibre Patchcords
22/10/11 V1.1
PS11338 ETC-PS11338 Datasheet
198Kb / 7P
Duplex Fibre Patchcords
22/10/11 V1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com