Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRV4 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PRV4
Description  Industrial Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRV4 Datasheet(HTML) 4 Page - Vishay Siliconix

  PRV4 Datasheet HTML 1Page - Vishay Siliconix PRV4 Datasheet HTML 2Page - Vishay Siliconix PRV4 Datasheet HTML 3Page - Vishay Siliconix PRV4 Datasheet HTML 4Page - Vishay Siliconix PRV4 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PRV4
www.vishay.com
Vishay Sfernice
Revision: 22-Sep-15
4
Document Number: 50004
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability.
MARKING
• Vishay trademark
• Part number (including ohmic value code, tolerance code, and taper)
• Manufacturing date
• Marking of terminals 1, 2, 3
PERFORMANCE
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
R
T/RT (%)
R
1-2/R1-2 (%)
OTHER
Electrical endurance
1000 h at rated power
90’/30’ - ambient temp. 70 °C
± 3 %
± 5 %
Contact res. variation: < 5 %
Moisture resistance
MIL-STD-202 method 105
10 cycles of 24 h constituted
with damp heat - cold - vibrations
± 2 %
± 3 %
Dielectric strength: 100 VRMS
Insulation resistance: > 104 M
Damp heat, steady state
10 days
40 °C, 93 % HR
± 2 %
± 3 %
Dielectric strength: 100 VRMS
Insulation resistance: > 104 M
Change of temperature
5 cycles
-55 °C at +125 °C
± 1 %
-
V
1-2/V1-3 < ± 2 %
Mechanical endurance
25 000 cycles
± 5 %
-
-
Shock
MIL-STD-202 method 213/1
100 g’s at 6 ms
3 successive shocks
in 3 directions
± 1 %
-
V
1-2/V1-3 < ± 1 %
Vibration
MIL-STD-202 method 204/D
20 g’s at 12 h
± 1 %
-
V
1-2/V1-3 < ± 1 %
ORDERING INFORMATION (part number)
MODEL
BUSHING
OPTION
SHAFT
SHAFT
END
OHMIC
VALUE
TOLERANCE
TAPER
SPECIAL
PRV4
F = Ø 3/8"
L = LPRP
0 = no option
GB
GJ
GR
AP
S = slotted
R = round
F = flatted
D = custom
Linear from
20
 to
10 M
Logarithmic
from
100
 to
2.5. M
102 = 1 k
M = 20 %
On request:
K = 10 %
A = linear
L = clockwise
logarithmic
F = inverse
clockwise
logarithmic
CV1M =
detent
option or
special code
given by
Vishay
PART NUMBER DESCRIPTION (for information only)
PRV4
F
L
GJ
S
1K
20 %
L
BO50
e3
MODEL BUSHING
OPTION
SHAFT
SHAFT
END
VALUE TOLERANCE TAPER
DETENT
OPTION
PACKAGING
AP N°
SPECIAL
LEAD
(Pb)-FREE
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029
JS1
0
2
M
L
L
4
G
F
R
V
P



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com