Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRV4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PRV4
Description  Industrial Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRV4 Datasheet(HTML) 3 Page - Vishay Siliconix

  PRV4 Datasheet HTML 1Page - Vishay Siliconix PRV4 Datasheet HTML 2Page - Vishay Siliconix PRV4 Datasheet HTML 3Page - Vishay Siliconix PRV4 Datasheet HTML 4Page - Vishay Siliconix PRV4 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PRV4
www.vishay.com
Vishay Sfernice
Revision: 22-Sep-15
3
Document Number: 50004
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR TAPER
LOG. TAPER
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
ELEMENT
WIPER
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
ELEMENT
WIPER
WV
mA
WV
mA
20
25
50
100
200
250
500
1K
2K
2.5K
5K
10K
20K
25K
50K
100K
200K
250K
500K
1M
2M
2.5M
5M
10M
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
1
1
0.50
0.25
0.13
0.10
0.05
0.03
6.32
7.07
10.0
14.1
20.0
22.4
31.6
44.7
53.2
70.7
100
141
200
224
315
447
500
500
500
500
500
500
500
500
316
283
200
141
100.0
89.4
53.2
44.7
31.6
28.3
20.00
14.14
10.00
6.04
6.32
4.47
2.50
2.00
1.00
0.50
0.25
0.20
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0.50
0.25
0.13
0.10
10.0
14.1
15.8
22.4
31.5
44.7
50.0
70.7
100
141
158
224
315
447
499
500
500
500
500
100
70.7
53.2
44.7
31.6
22.4
20.0
14.1
10.0
7.07
6.32
4.47
3.16
2.24
2.00
1.00
0.50
0.25
0.20
MECHANICAL SPECIFICATIONS
Mechanical travel
300° ± 5°
Operating torque (typical)
3 Ncm max. (4.3 oz.-inch max.)
End stop torque
70 Ncm max. (6 lb-inch max.)
Tightening torque of mounting nut
200 Ncm max. (17.3 lb-inch max.)
Unit weight
23 g to 32 g max. (0.82 oz. to 1.14 oz.)
ENVIRONMENTAL SPECIFICATIONS
Temperature range
-55 °C to +125 °C
Climatic category
55/125/10
Sealing
Fully sealed - Container IP67
OPTIONS
Special feature command shaft
Length is measured from the mounting surface to the free end of the shaft. The screwdriver slot is
aligned with the wiper within ± 10°. Special shafts are available, in accordance to drawings supplied
by customers. We recommend that customers should not machine tool shafts, in order to avoid
damage. Bending or torsion of terminals should also be avoided.
PRV4 LPRP - with locating peg
3
Ø 2
9.2
12.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com