Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOCON_C4 Datasheet(PDF) 4 Page - sglux GmbH

Part # TOCON_C4
Description  UVC-only SiC based UV photodetector with integrated amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGLUX [sglux GmbH]
Direct Link  https://sglux.de/
Logo SGLUX - sglux GmbH

TOCON_C4 Datasheet(HTML) 4 Page - sglux GmbH

  TOCON_C4 Datasheet HTML 1Page - sglux GmbH TOCON_C4 Datasheet HTML 2Page - sglux GmbH TOCON_C4 Datasheet HTML 3Page - sglux GmbH TOCON_C4 Datasheet HTML 4Page - sglux GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
appliCation note For toCons
The TOCONs need a supply voltage of V
supply=2,5 ... 5VDC and can be directly connected to a controller or voltmeter.
Please note that the theoretic maximum signal output is always a little less (approx. 5%) than the supply voltage. To
learn more about perfect use of the TOCONs please refer to the TOCON FAQ list published at www.sglux.com.
CAUTION! Wrong wiring leads to destruction of the device.
For easy setup of the device please ask for a TOCON starter kit.
Miniature steel housing with M12x1 thread for the TOCON series
• Optional feature for all TOCON detectors
• Robust stainless steel M12x1 thread body, length 32 mm
• Integrated sensor connector (Binder 5-Pin plug) with 2m connector cable
• Easy to mount and to connect
Miniature PTFE housing with M12x1 thread for the TOCON series
• Optional feature for all TOCON detectors without concentrator lens
• Teflon (PTFE) M12x1 thread body, length 31 mm
• Wide field of view, dirt-repellant, water proof at wet side (IP 68)
• Integrated sensor connector (Binder 5-Pin plug) with 2m connector cable
• Easy to mount and connect, cleanable
The PTFE housing reduces the signal output by approx. 95%. Please consider this while selecting the TOCON’s sensitivity range.
Plastic probes
• Optional feature for all TOCON detectors
• UV probes in small plastic housings with a TOCON inside
• Customized housings available
• Easy to mount and to connect
• Integrated sensor connector (Binder 5-Pin plug)
• Cable available
Water pressure proof TOCON housing
• Optional feature for all TOCON detectors without concentrator lens
• G1/4” thread, 10 bar water pressure proof
• Customized housings available
• Easy to mount and to connect
• Integrated sensor connector (Binder 5-Pin plug)
• Cable available
4/4
TOCON
_C4
UVC-only SiC based UV photodetector with integrated amplifier
sglux GmbH | Max-Planck-Str. 3 | D–12489 Berlin | Tel. +49 30 5301 5211 | welcome@sglux.de | www.sglux.de
Rev. 3.1 Due to our strive for continuous improvement, specifications are subject to change within our PCN policy according to JESD46C.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com