Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOCON_C4 Datasheet (PDF) - sglux GmbH

TOCON_C4 Datasheet PDF - sglux GmbH
Part # TOCON_C4
Download  TOCON_C4 Download
File Size   464.6 Kbytes
Page   4 Pages
Manufacturer  SGLUX [sglux GmbH]
Direct Link  https://sglux.de/
Logo SGLUX - sglux GmbH
Description UVC-only SiC based UV photodetector with integrated amplifier

TOCON_C4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TOCON_C4 Datasheet PDF - sglux GmbH

Part # TOCON_C4
Download  TOCON_C4 Click to download

File Size   464.6 Kbytes
Page   4 Pages
Manufacturer  SGLUX [sglux GmbH]
Direct Link  https://sglux.de/
Logo SGLUX - sglux GmbH
Description UVC-only SiC based UV photodetector with integrated amplifier

TOCON_C4 Datasheet (HTML) - sglux GmbH


TOCON_C4 Product details

General Features
Properties of the TOCON_C4
• UVC-only SiC based UV photodetector in TO5 housing with diffusor
• spectral response compliant with DVGW W294
• 0 … 5 V voltage output, peak wavelength at 275 nm
• max. radiation (saturation limit) at 254 nm is 18 μW/cm2, minimum radiation (resolution limit) is 1,8 nW/cm2
• Applications: UVC irradiation measurement, water disinfection




Similar Part No. - TOCON_C4

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TOC4 TRUMPOWER-TOC4 Datasheet
137Kb / 2P
4 Watts Single and Dual Outputs AC/DC Power Modules
logo
Toshiba Semiconductor
TOCA100 TOSHIBA-TOCA100 Datasheet
70Kb / 3P
SIMPLEX TYPE OPTICAL ADAPTER
TOCA150 TOSHIBA-TOCA150 Datasheet
69Kb / 3P
SIMPLEX TYPE OPTICAL ADAPTER
TOCA200 TOSHIBA-TOCA200 Datasheet
72Kb / 3P
DUPLEX TYPE OPTICAL ADAPTER
TOCP100K TOSHIBA-TOCP100K Datasheet
1Mb / 20P
Fiber-Optic Devices Toslink
More results


Similar Description - TOCON_C4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEKS5400 VISHAY-TEKS5400 Datasheet
270Kb / 5P
Silicon Photodetector with Logic Output
02-Apr-04
logo
Austin Semiconductor
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
UV Erasable Programmable Read-Only Memory
logo
TEMIC Semiconductors
TEKS5412X01 TEMIC-TEKS5412X01 Datasheet
82Kb / 6P
Silicon Photodetector with Logic Output
logo
Vitesse Semiconductor C...
VSC7810 VITESSE-VSC7810 Datasheet
163Kb / 14P
Photodetector/Transimpedance Amplifier Family for Optical Communication
logo
Austin Semiconductor
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
UV Erasable Programmable Read-Only Memory
logo
List of Unclassifed Man...
SG01S ETC1-SG01S Datasheet
188Kb / 4P
Ultraviolet selective SiC based UV sensor
logo
Roithner LaserTechnik G...
ERYF_STAR ROITHNER-ERYF_STAR Datasheet
93Kb / 4P
UV-index sensor based on SiC
logo
Inolux Corporation
IN-C33DTDU1 INOLUX-IN-C33DTDU1 Datasheet
594Kb / 12P
3535 UVC LED
logo
Extech Instruments Corp...
SDL470 EXTECH-SDL470 Datasheet
413Kb / 14P
UVA, UVC Light Meter with Temperature
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com