Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTM Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # DTM
Description  DT Series Technical Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DTM Datasheet(HTML) 6 Page - TE Connectivity Ltd

Back Button DTM Datasheet HTML 2Page - TE Connectivity Ltd DTM Datasheet HTML 3Page - TE Connectivity Ltd DTM Datasheet HTML 4Page - TE Connectivity Ltd DTM Datasheet HTML 5Page - TE Connectivity Ltd DTM Datasheet HTML 6Page - TE Connectivity Ltd DTM Datasheet HTML 7Page - TE Connectivity Ltd DTM Datasheet HTML 8Page - TE Connectivity Ltd DTM Datasheet HTML 9Page - TE Connectivity Ltd DTM Datasheet HTML 10Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DT Series Technical Manual
PART NUMBERING SYSTEM (DTHD)
DTHD 06 - 1 - 4 S - ****
Series Prefix
04 = Receptacle
06 = Plug
Single Terminal
Contact Size
4 = Size 4
8 = Size 8
12 = Size 12
Contact Style
P = Pin Receptacle Only
S = Socket Plug Only
Special Modifications
PART NUMBERING SYSTEM (DTM)
DTM 06 - 2 S * - ****
Series Prefix
04 = Receptacle
06 = Plug
Number of Contacts
Special Modifications
Polarizing Position (If Applicable)
08 + 12 Only
Contact Type
P = Pin Receptacle Only
S = Socket Plug Only
PART NUMBERING SYSTEM (DT & DT Bussed)
DT 06 - 2 S * - ****
Series Prefix
04 = Receptacle
06 = Plug
Number of Contacts
Special Modifications
Polarizing Position
(If Applicable)
Contact Type
P = Pin Receptacle Only
S = Socket Plug Only
PART NUMBERING SYSTEM (DTP)
DTP 06 - 2 S * - ****
Series Prefix
04 = Receptacle
06 = Plug
Number of Contacts
Special Modifications
Polarizing Position
(If Applicable)
Contact Type
P = Pin Receptacle Only
S = Socket Plug Only
6
A STEP AHEAD
DT Series Manual #50907.indd 6
7/31/2008 5:14:35 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com