Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTM Datasheet(PDF) 11 Page - TE Connectivity Ltd

Part # DTM
Description  DT Series Technical Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DTM Datasheet(HTML) 11 Page - TE Connectivity Ltd

Back Button DTM Datasheet HTML 7Page - TE Connectivity Ltd DTM Datasheet HTML 8Page - TE Connectivity Ltd DTM Datasheet HTML 9Page - TE Connectivity Ltd DTM Datasheet HTML 10Page - TE Connectivity Ltd DTM Datasheet HTML 11Page - TE Connectivity Ltd DTM Datasheet HTML 12Page - TE Connectivity Ltd DTM Datasheet HTML 13Page - TE Connectivity Ltd DTM Datasheet HTML 14Page - TE Connectivity Ltd DTM Datasheet HTML 15Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
DT Series Technical Manual
Assembly Contact Insertion (DTM, DT, DTP)
Contact Removal
1. Grasp crimped contact
approximately 1.0” (25.4mm)
behind the contact barrel.
2. Hold connector with rear
grommet facing you.
3. Push contact straight into
connector grommet until a click
is felt. A slight tug will confirm
that it is properly locked in
place.
4. Once all contacts are in place,
insert orange wedge: receptacles
- with half holes aligning with
contacts. Plugs - with contacts
aligning behind full holes. The
orange wedge will snap into
place.
1. Remove orange wedge using
needlenose pliers to pull wedge
straight out.
2. To remove the contacts,
gently pull wire backwards,
while at the same time releasing
the locking finger by moving it
away from the contact with a
screwdriver.
3. Hold the rear seal in place,
as removing the contact will
displace the seal.
NOTE: The receptacle is shown
- use the same procedure for
plug.
A STEP AHEAD
DT Series Manual #50907.indd 11
7/31/2008 5:14:37 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com