Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP32 Datasheet(PDF) 3 Page - Sensirion AG Switzerland

Part # SDP32
Description  Preliminary Datasheet SDP3x-Digital Digital Differential Pressure Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SDP32 Datasheet(HTML) 3 Page - Sensirion AG Switzerland

  SDP32 Datasheet HTML 1Page - Sensirion AG Switzerland SDP32 Datasheet HTML 2Page - Sensirion AG Switzerland SDP32 Datasheet HTML 3Page - Sensirion AG Switzerland SDP32 Datasheet HTML 4Page - Sensirion AG Switzerland SDP32 Datasheet HTML 5Page - Sensirion AG Switzerland SDP32 Datasheet HTML 6Page - Sensirion AG Switzerland SDP32 Datasheet HTML 7Page - Sensirion AG Switzerland SDP32 Datasheet HTML 8Page - Sensirion AG Switzerland SDP32 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.sensirion.com
Version 0.8 – January 2017
3/14
2. Specifications
2.1
Electrical Specifications
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Comments
Supply Voltage
VDD
3.0
3.3
4
V
For 5V supply contact
Sensirion
Power-up/down level
VPOR
2.3
2.5
2.7
V
VDD ramp up slew
VDD, ramp
0.2
V/ms
Minimum voltage
ramp up slew when
powering up SDP3x
Supply current
IDD
Measuring
3.8
5.5
mA
Idle state
1.1
mA
IRQn driving strength
4
mA
2.2
Timing Specifications
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Comments
Power-up time
tPU
25
ms
Time to sensor ready
Soft reset time
tSR
20
ms
Time between soft
reset command and
sensor ready
I2C SCL frequency
fI2C
400
1000
kHz
Update rate differential
pressure value
Continuous mode
900
1000
1100
Hz
Upgrade to 2kHz
expected in March
2017
Update rate
temperature value
Continuous mode
112.5
125
137.5
Hz
Temperature value is
updated once every
eight pressure values
Measurement time
Triggered mode
40
45
50
ms
2.3
Mechanical Specifications
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Comments
Allowable overpressure1
Pmax
1
bar
Rated burst pressure
Pburst
3
bar
Weight
W
0.2
g
2.4
Materials
Parameter
Wetted materials
Glass (silicon nitride, silicon oxide), LCP, green epoxy-based mold compound, epoxy-based resins
REACH, RoHS
REACH and RoHS compliant
2.5
Absolute Maximum Ratings
Parameter
Rating
Units
Supply Voltage VDD
-0.3 to 4.5
V
Max Voltage on pins SDA, SCL, IRQn
-0.3 to VDD+0.3
V
Input current on any pin
±70
mA
Operating temperature range2
-40 to +85
°C
Storage temperature range3
-40 to +85
°C
Max. humidity for long term exposure
40°C dew point
ESD HBM (human body model)
2
kV
1 Allowable overpressure during operation. Refer to the SDP selection guide for pressure dependency of the measured signal. Fast absolute pressure
changes on both ports can result in dynamic effects on the sensor signal. For higher overpressures or continuous high overpressures contact Sensirion.
2
For Air and N2. Long term exposure to high temperatures and (high concentrations of) O2 can reduce the product lifetime
3
For long term storage in Tape and Reel, please refer to the SDP3x handling instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com