Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP32 Datasheet(PDF) 13 Page - Sensirion AG Switzerland

Part # SDP32
Description  Preliminary Datasheet SDP3x-Digital Digital Differential Pressure Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SDP32 Datasheet(HTML) 13 Page - Sensirion AG Switzerland

Back Button SDP32 Datasheet HTML 6Page - Sensirion AG Switzerland SDP32 Datasheet HTML 7Page - Sensirion AG Switzerland SDP32 Datasheet HTML 8Page - Sensirion AG Switzerland SDP32 Datasheet HTML 9Page - Sensirion AG Switzerland SDP32 Datasheet HTML 10Page - Sensirion AG Switzerland SDP32 Datasheet HTML 11Page - Sensirion AG Switzerland SDP32 Datasheet HTML 12Page - Sensirion AG Switzerland SDP32 Datasheet HTML 13Page - Sensirion AG Switzerland SDP32 Datasheet HTML 14Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
www.sensirion.com
Version 0.8 – January 2017
13/14
8. Shipping Package
SDP3x are provided in tape & reel shipment packaging. Standard packaging size is 1500 or 250 units per reel. The drawing of
the packaging tapes with sensor orientation is shown in Figure 2.
Figure 2: Sketch of packaging tape and sensor orientation. Header tape is to the right and trailer tape to the left on this sketch
9. Ordering Information
Use the part names and product numbers shown in the following table when ordering SDP3x differential pressure sensor. For
the latest product information and local distributors, visit www.sensirion.com.
Part name Description / Output
Product number
Packaging
Tape & Reel size
SDP31
I2C, 500Pa
1-101445-01
Tape & Reel (QFN Quad 2 configuration)
1500
1-101567-01
Tape & Reel (QFN Quad 2 configuration)
250
SDP32
I2C, 125Pa
1-101498-01
Tape & Reel (QFN Quad 2 configuration)
1500
1-101570-01
Tape & Reel (QFN Quad 2 configuration)
250
Revision History
Date
Author Version Changes
13.11.2015 ANB
V0.1
First Draft
22.12.2015 ANB
V0.2
Rework of all chapters
01.02.2016 ANB
V0.3
Rework after 1st review round. Preliminary release.
02.02.2016 ANB
V0.4
Minor updates
30.03.2016 ANB
V0.5
Minor updates. IRQn clarification.
04.05.2016 ANB
V0.6
SDP32 added. Minor updates
27.05.2016 ANB
V0.7
Triggered measurement timing changed. New timings for soft reset.
06.01.2017 ANB
V0.8
Added Reel size of 250 pcs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com