Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMF Datasheet(PDF) 1 Page - Brady Worldwide, Inc.

Part # WMF
Description  Miniature Circuit Breaker Lockout - Pin Out Standard
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

WMF Datasheet(HTML) 1 Page - Brady Worldwide, Inc.

  WMF Datasheet HTML 1Page - Brady Worldwide, Inc. WMF Datasheet HTML 2Page - Brady Worldwide, Inc. WMF Datasheet HTML 3Page - Brady Worldwide, Inc. WMF Datasheet HTML 4Page - Brady Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data Sheet
Miniature Circuit Breaker Lockout -
​ Pin Out Standard
TDS No. LOTO-
​1
Effective Date: 10/03/2017
Description:
Design
●
Safe and effective method for locking out
miniature circuit breakers
●
Require no tools to install! Easily installs with
the aid of a push button
●
Recommended to lock with lightweight Brady
Compact Safety Padlocks, and can accept up
to 9/32" shackle diameter
●
Made of a durable glass-
​filled nylon, available
as each or in packs of 6"
Material
●
Made of Glass
​-filled nylon
●
Springs made of Stainless Steel
●
Color: Outer Housing – Red (PMS 1805C)
●
Color: Inner Housing -
​ Black
●
UL rating – UL94 – HB Rating
Chemical
°C
Chemical
°C
Acetone
25
Petroleum
25
Acetone
60
Turpentine oil
25
Chlorine, chlorine water
25
Turpentine substitute (white spirit)
25
Fuel, engine: Gasoline (normal &
premium grade)
85
Trichloroethane 1,1,1
45
Temperature Range
Plastic Housings: -
​20° to 120°C (0° to 250°F)
Lubrication oil: gear oil
< 120
Lubricating oil: HD engine oils,
hydraulic oils, transformer oils
< 120
Fuel, engine: M15 mixture (15%
methanol)
70
Water (including seawater)
25
Chemical Resistance
All approved chemicals listed are based on the
manufactures specified chemical resistance chart for
plastic material only. All other materials in the device
are made of Stainless steel.
Methanol
25
Water (including seawater),
chlorinated (<0,5 mg/l)
80
Dimensions
“A”
– 1.638” [41.6mm]
“B”
– 0.950” [24.1mm]
“C”
– 0.043” [1.1mm] Max
“D”
– 0.495” [12.6mm]
“E”
– 0.281” [7.1mm]
Warranty
Note:
​All values shown are averages and should not be used for specification purposes. Test data and test results contained in this document
are for general information only and shall not be relied upon by Brady customers for designs and specifications, or be relied on as meeting
specified performance criteria. Customers desiring to develop specifications or performance criteria for specific product applications should
contact Brady for further information.
Product compliance information is based upon information provided by suppliers of the raw materials used by Brady to manufacture this product
or based on results of testing using recognized analytical methods performed by a third party, independent laboratory. As such, Brady makes no
independent representations or warranties, expressed or implied, and assumes no liability in connection with the use of this information.
Circuit Breaker Cross Reference Guide


Similar Part No. - WMF

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
WMF CDE-WMF Datasheet
316Kb / 4P
Film/Foil, Axial Leads - Commercial, Industrial Applications
WMF CDE-WMF Datasheet
270Kb / 4P
Polyester Film Capacitors
WMF05P12K-F CDE-WMF05P12K-F Datasheet
316Kb / 4P
Film/Foil, Axial Leads - Commercial, Industrial Applications
WMF05P12K-F CDE-WMF05P12K-F Datasheet
270Kb / 4P
Polyester Film Capacitors
logo
List of Unclassifed Man...
WMF05P15K-F ETC2-WMF05P15K-F Datasheet
185Kb / 2P
Commercial, Industrial Applications
More results

Similar Description - WMF

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PSL-CB PANDUIT-PSL-CB Datasheet
54Kb / 1P
PSL-CB CIRCUIT BREAKER LOCKOUT
PSL-CBNT PANDUIT-PSL-CBNT Datasheet
88Kb / 1P
No Tool Circuit Breaker Lockout Devices
logo
Delta Electronics, Inc.
H48SA53010 DELTA-H48SA53010 Datasheet
1Mb / 13P
Industry standard pin out
H48SC3R325 DELTA-H48SC3R325 Datasheet
400Kb / 12P
Industry standard pin out
DIM DELTA-DIM Datasheet
602Kb / 13P
Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
Industry standard pin out
E48SC DELTA-E48SC Datasheet
486Kb / 15P
Industry standard pin out
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
Industry standard pin out
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com