Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMF Datasheet(PDF) 3 Page - Brady Worldwide, Inc.

Part # WMF
Description  Miniature Circuit Breaker Lockout - Pin Out Standard
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

WMF Datasheet(HTML) 3 Page - Brady Worldwide, Inc.

  WMF Datasheet HTML 1Page - Brady Worldwide, Inc. WMF Datasheet HTML 2Page - Brady Worldwide, Inc. WMF Datasheet HTML 3Page - Brady Worldwide, Inc. WMF Datasheet HTML 4Page - Brady Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4.
ACCIDENTAL RELEASE MEASURES
Land
Recover material
​and ​place in ​suitable ​container for reuse ​or
​for disposal in ​conformance with ​local regulations
Water
Recover material and place in
​suitable ​container for ​reuse ​or
​for disposal in conformance ​with ​local regulations.
5.
HANDLING
​AND ​STORAG​E
5.1 Handling
5.2 Storage
No precautions
​noted-see local ​regulation if needed
Storage pressure: Atmospheric
Storage
​temperature: ​Ambient, no direct sunlight
6.
EXPOSURE
​CONTRO​L​S​/​PERSONAL PROTECTION
6.1 Exposure
​limit ​values
6.2
​Exposure ​Contro​l​s
None
6.2.1 Occupational
​E​xposure ​Controls
6.2.1.1 Respiratory
​Protection​: ​Not applicable
6.2.1.2
​Hand ​Protection: Not applicable
6.2.1.3 Eye Protection: Not applicable
6.2.1.4 Skin Protection: Not applicable
6.2.2 Environmental Exposure Controls: No data available
7.
PHYSICAL AND
​CHEM​I​CA​L ​PROPERTIES
General
​Information
Other Information
8.
S
​TABILIT​Y ​AND REACTIVITY
8.1
​Cond​itions ​to Avoid
Higher Temperatures and direct sunlight (chemical resistance is excellent)
Highly
​stable, but ​tempe​ratures ​over 480 F may cause degradation
8.2 Materials to Avoid
No data available
8.3
​Hazardou​s ​Decomposition Products
Under
​fire and oxygen-lean conditions ​may ​cause monoxide and irritating ​smoke
9.
ECOLOGICAL INFORMATION
9.1 Ecotoxicity
No data available
9.2 Mobility
No data available
9.3
​Persistence ​and Degradability
No data available
9.4 Bioaccumulative Potential
No data available
9.5 Other Adverse Effects
No data available
10.
DISPOSAL
​CONSIDERATIONS
None of the materials in this product are
​Recyclable, ​dispose of ​all ​materials in ​accordance with ​an ​applicable ​federal, state, and local law.
11.
TRAN
​SPOR​T INFORMATION
No data available
12.
REGULATORY INFORMATION
This product has been tested
​and
​validated ​to the Regulatory Requirement​s ​listed ​below.
•
OSHA
​29 ​CFR 1910 ​.​147 ©(4)(ii)( A)(1)/(c) (5)(ii)(​C)(​1)
•
​ANSI standard Z244
​ ​13. ​OTHER INFORMATION
​
No data available
Shelf Life:
Shelf life is
​two years from the date of receipt​ for this product as long as this product is stored in its original packaging in an environment below 80° F (27°
C) and 60% RH. It remains the responsibility of the user to assess the risk of using this product. We encourage customers to develop testing protocols
that will qualify a product's fitness for use in their actual application.
Trademarks:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com