Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLX2416 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # DLX2416
Description  Intelligent Display Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DLX2416 Datasheet(HTML) 1 Page - OSRAM GmbH

  DLX2416 Datasheet HTML 1Page - OSRAM GmbH DLX2416 Datasheet HTML 2Page - OSRAM GmbH DLX2416 Datasheet HTML 3Page - OSRAM GmbH DLX2416 Datasheet HTML 4Page - OSRAM GmbH DLX2416 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
1
May 31, 2000-12
Intelligent Display also provides internal memory for the four
digits. This approach allows the user to asynchronously
address one of four digits, and load new data without regard to
the LED multiplex timing.
Figure1 is a block diagram of the DLX2416. The unit consists of
4 (5x7) LEDs and a single CMOS integrated chip. The IC chip
contains the column drivers and row drivers, 128 character
ROM, four word x7 bit Random Access Memory, oscillator for
multiplexing, multiplex counter/decoder, cursor memory,
address decoder, and miscellaneous control logic.
This application note is intended to serve as a design and appli-
cation guide for the DLX2416 alphanumeric Intelligent Displays.
The information presented covers device electrical description
and operation, considerations for general circuit design, and
interfacing the DLX2416 to microprocessors. Refer to the spe-
cific data sheet and other Infineon / OSRAM Appnotes for more
details.
Electrical & Mechanical Description
The internal electronics in these Intelligent Displays eliminates
all the traditional difficulties of using multi-digit light emitting
displays (segment decoding, drivers, and multiplexing). The
Figure 1. Block diagram–DLX2416
Rows 0 to 6
Display
Columns 0 to 19
Display
Output
Logic
CUE
Ro w Co ntro l Lo g i c
& Row Drivers
Row Decoder
ROM
128x35 Bit
ASCII
Character
Decode
4480 Bits
D6
D5
D4
D3
D2
D1
D0
Write
Address
Decoder
RAM
Memory
Timing and Control Logic
Cursor Memory Bits 0 to 3
Address Lines
4x7 Bit
OSC
÷128
Counter
÷7
Counter
Cursor
Memory
4x1 Bit
7 Bit ASCII Code
RAM Read Logic
Column Data
WR
A0
A1
CE1
CE2
CU
BL
3
2
1
0
Applying the DLX2416
Intelligent Display® Device
Appnote 14


Similar Part No. - DLX2416

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
DLX-16-MS TEC-DLX-16-MS Datasheet
1Mb / 4P
Rectangular Connector Hoods & Bases
08/07/2021 12:41PM
logo
OSRAM GmbH
DLX1414 OSRAM-DLX1414 Datasheet
202Kb / 4P
Intelligent Display Products
DLX3416 OSRAM-DLX3416 Datasheet
246Kb / 5P
Intelligent Display Device
DLX713X OSRAM-DLX713X Datasheet
194Kb / 4P
5x7 Dot Matrix Intelligent Display
More results

Similar Description - DLX2416

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
DLX3416 OSRAM-DLX3416 Datasheet
246Kb / 5P
Intelligent Display Device
logo
Renesas Technology Corp
UPD166011T1J RENESAS-UPD166011T1J Datasheet
211Kb / 28P
INTELLIGENT POWER DEVICE
RAA2900014H12HPD RENESAS-RAA2900014H12HPD Datasheet
592Kb / 19P
INTELLIGENT POWER DEVICE
UPD166028T1K RENESAS-UPD166028T1K Datasheet
841Kb / 42P
INTELLIGENT POWER DEVICE
UPD166030T1K RENESAS-UPD166030T1K Datasheet
838Kb / 42P
INTELLIGENT POWER DEVICE
UPD166034T1U RENESAS-UPD166034T1U Datasheet
804Kb / 41P
INTELLIGENT POWER DEVICE
UPD166035GR RENESAS-UPD166035GR Datasheet
534Kb / 17P
INTELLIGENT POWER DEVICE
UPD166025T1J RENESAS-UPD166025T1J Datasheet
954Kb / 41P
INTELLIGENT POWER DEVICE
RAA2900024H12HPD RENESAS-RAA2900024H12HPD Datasheet
486Kb / 19P
INTELLIGENT POWER DEVICE
RAA2900034H12HPD RENESAS-RAA2900034H12HPD Datasheet
572Kb / 19P
INTELLIGENT POWER DEVICE
Feb. 28, 2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com