Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLX2416 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # DLX2416
Description  Intelligent Display Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DLX2416 Datasheet(HTML) 5 Page - OSRAM GmbH

  DLX2416 Datasheet HTML 1Page - OSRAM GmbH DLX2416 Datasheet HTML 2Page - OSRAM GmbH DLX2416 Datasheet HTML 3Page - OSRAM GmbH DLX2416 Datasheet HTML 4Page - OSRAM GmbH DLX2416 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
Appnote 14
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
5
May 31, 2000-12
Interfacing the DLX2416
A general and straightforward interface circuit is shown
in Figure 6. This scheme can easily interface to µP sys-
tems or any other systems which can provide the
seven data lines, appropriate address and control lines
Parallel I/O
The parallel I/O device of a microprocessor can easily
be connected to the circuit in Figure 6. One eight bit
output port can provide the seven input data bits and
the cursor (CU). Another eight bit output port can con-
tain the address and chip enable information and the
other control signals.
Figure 7 illustrates a 16-character display with an 8080
system using the 8255 programmable peripheral inter-
face I/O device. The following program will display a
simple 16-character message using this interface.
I/O or Memory Mapped Addressing
Some designers may wish to avoid the additional cost
of a parallel I/O in their system. Structuring the address-
ing architecture for the DLX2416 to look like a set of
peripheral or output devices (I/O mapped) or RAM’s and
ROM’s (memory mapped) is very easy. Figure 8 shows
the simplicity of interfacing to microprocessors, such
as 8080, Z80 and 6502 as examples.
The interface with the 6800 microprocessor in Figure 9
illustrates the need for designers to check the timing
requirements of the DLX2416 and the µP. The typical
data output hold time is only 30 ns for DBE=
∅2 timing;
two inverters in the DBE line are added to increase the
data output hold time for compatibility with the 50 nS
minimum spec of the DLX2416.
Conclusion
Although other manufacturers’ products are used in
examples, this application note does not imply specific
endorsement, or recommendation or warranty of other
manufacturers’ products by Infineon / OSRAM.
The interface schemes shown demonstrate the sim-
plicity of using the DLX2416 with microprocessors. The
slight differences encountered with various micropro-
cessors to interface with the DLX2416 are similar to
those encountered when using different RAMs. The
techniques used in the examples were shown for their
generality. The user will undoubtedly invent other
schemes to optimize his particular system to its
requirements.
Figure 8. Mapped interface
Figure 9. 6800 microprocessor interface
Address
Dis play
Select
Decoder
Parallel
I/0 Device
Optional
Buffers
Reset
Int
Hold
Wait
Display Display Display Display
8980
Z80
6502
D15
D0
OSC
A0
A1
A2
A3
Data 0-6
Data
Control
CUE
CLR
BL
WR
Address
Data
Control
Data
Address
DBE
Decoder
6820
PIA
CUE
BL
CLR
Data
Address
H1
H2
01
02
Clock
Driver
6800
BA
VMA
R/W
CE CE
Reset
NMI
Halt
IRQ
TSC
A0–A1
D0–D7
Display
Display
Display
Display
Data
D15
D0
W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com