Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLX3416 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # DLX3416
Description  Intelligent Display Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DLX3416 Datasheet(HTML) 1 Page - OSRAM GmbH

  DLX3416 Datasheet HTML 1Page - OSRAM GmbH DLX3416 Datasheet HTML 2Page - OSRAM GmbH DLX3416 Datasheet HTML 3Page - OSRAM GmbH DLX3416 Datasheet HTML 4Page - OSRAM GmbH DLX3416 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
1
May 31, 2000-12
An Intelligent Display also provides internal memory for the
four digits. This approach allows the user to asynchronously
address one of four digits, and load new data without regard to
the LED multiplex timing.
Figure 1 is a block diagram of the DLX3416. The unit consists
of four (5x7) LED arrays and a single CMOS integrated chip.
The IC chip contains the column and row drivers, 128 character
ROM, four word x7 bit Random Access Memory, oscillator for
multiplexing, multiplex counter/decoder, cursor memory,
address decoder, and miscellaneous control logic.
This application note is intended to serve as a design and appli-
cation guide for users of the DLX3416 (referred to as 3416
hereafter) alphanumeric Intelligent Displays. This appnote also
covers device electrical description and operation, consider-
ations for general circuit design, and interfacing the 3416 to
microprocessors. Refer to the specific data sheet and other
Infineon / OSRAM Appnotes for more details.
Electrical & Mechanical Description
The internal electronics in these Intelligent Displays eliminates
all the traditional difficulties of using multi-digit light emitting
displays (segment decoding, drivers, and multiplexing).
Figure 1. Block diagram—DLX3416
Rows 0 to 6
Display
Columns 0 to 19
Display
Output
Logic
Cue
Ro w Co ntro l Lo g i c
& Row Drivers
Row Decoder
ROM
128x35 Bit
ASCII
Character
Decode
4480 Bits
D6
D5
D4
D3
D2
D1
D0
Write
Address
Decoder
RAM
Memory
Timing and Control Logic
Cursor Memory Bits 0 to 3
Address Lines
4x7 Bit
OSC
÷128
Counter
÷7
Counter
Cursor
Memory
4x1 Bit
7 Bit ASCII Code
RAM Read Logic
Column Data
WR
A0
A1
CE1
CE2
CE3
CE4
CU
BL
3
2
1
0
Applying the DLX3416*
Intelligent Display® Device
Appnote 17


Similar Part No. - DLX3416

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
DLX-16-MS TEC-DLX-16-MS Datasheet
1Mb / 4P
Rectangular Connector Hoods & Bases
08/07/2021 12:41PM
logo
OSRAM GmbH
DLX1414 OSRAM-DLX1414 Datasheet
202Kb / 4P
Intelligent Display Products
DLX2416 OSRAM-DLX2416 Datasheet
222Kb / 5P
Intelligent Display Device
DLX713X OSRAM-DLX713X Datasheet
194Kb / 4P
5x7 Dot Matrix Intelligent Display
More results

Similar Description - DLX3416

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
DLX2416 OSRAM-DLX2416 Datasheet
222Kb / 5P
Intelligent Display Device
logo
Renesas Technology Corp
UPD166011T1J RENESAS-UPD166011T1J Datasheet
211Kb / 28P
INTELLIGENT POWER DEVICE
RAA2900014H12HPD RENESAS-RAA2900014H12HPD Datasheet
592Kb / 19P
INTELLIGENT POWER DEVICE
UPD166028T1K RENESAS-UPD166028T1K Datasheet
841Kb / 42P
INTELLIGENT POWER DEVICE
UPD166030T1K RENESAS-UPD166030T1K Datasheet
838Kb / 42P
INTELLIGENT POWER DEVICE
UPD166034T1U RENESAS-UPD166034T1U Datasheet
804Kb / 41P
INTELLIGENT POWER DEVICE
UPD166035GR RENESAS-UPD166035GR Datasheet
534Kb / 17P
INTELLIGENT POWER DEVICE
UPD166025T1J RENESAS-UPD166025T1J Datasheet
954Kb / 41P
INTELLIGENT POWER DEVICE
RAA2900024H12HPD RENESAS-RAA2900024H12HPD Datasheet
486Kb / 19P
INTELLIGENT POWER DEVICE
RAA2900034H12HPD RENESAS-RAA2900034H12HPD Datasheet
572Kb / 19P
INTELLIGENT POWER DEVICE
Feb. 28, 2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com