Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLX3416 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # DLX3416
Description  Intelligent Display Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DLX3416 Datasheet(HTML) 2 Page - OSRAM GmbH

  DLX3416 Datasheet HTML 1Page - OSRAM GmbH DLX3416 Datasheet HTML 2Page - OSRAM GmbH DLX3416 Datasheet HTML 3Page - OSRAM GmbH DLX3416 Datasheet HTML 4Page - OSRAM GmbH DLX3416 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
Appnote 17
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
2
May 31, 2000-12
Packaging
Packaging consists of a transfer molded nylon lens which also
serves as an “encapsulation shell” since it covers five of the six
“faces.” The assembled and tested substrate (“PTF” multi-
layer), is placed within the shell and the entire assembly is then
filled with a water clear IC grade epoxy.
This yields a very rugged part, which is quite impervious to
moisture, shock and vibration. Although not “hermetic,” the
device will easily withstand total immersion in water/detergent
solutions.
Figure 2. Top view
Table 1. Pin outs
Pin
Function
Pin
Function
1
CE1 Chip Enable
10
GND
2
CE2 Chip Enable
11
D0 Data Input
3
CLR Clear
12
D1 Data Input
4
CUE Cursor Enable
13
D2 Data Input
5CU Cursor Select
14
D3 Data Input
6WR Write
15
D6 Data Input
7
A1 Digit Select
16
D5 Data Input
8
A0 Digit Select
17
D4 Data Input
9VCC
18
BL Display Blank
digit 3 digit 2
digit 1 digit 0
Table 2. Electrical inputs to the 3416
VCC
Positive supply +5 volts
GND
Ground
D0-D6
Data Lines
The seven data input lines are designed to
accept the first 64 ASCII characters. See Fig-
ure 3 for DL3416 character set (The DL3416
interprets all undefined codes as a blank).
See Figure 3 for DLX3416 character set.
A0, A1
Address Lines
The address determines the digit position to
which the data will be written. Address order
is right to left for positive-true logic.
WR
Write (Active Low)
Data and address to be loaded must be
present and stable before and after the trailing
edge of write. (See DL3416, DLX3416 data
sheets for timing information).
CE1, CE2
Chip Enable (Active High)
CE3, CE4
Chip Enable (Active Low)
Determines which device in an array will actu-
ally accept data. When either or both
chip enable is in the high state, all inputs
are inhibited.
CLR
Clear (Active Low)
The data RAM and cursor RAM of the DL
3416 will be cleared when held low for 15 mS.
The minimum for the CLR is 1 mS for the
DLX3416.
CUE
Cursor Enable
Activates Cursor function. Cursor will not be
displayed regardless of cursor memory con-
tents when cue is Low.
CU
Cursor Select (Active Low)
This input must be held high to store data in
data memory and low to store data into the
cursor memory.
BL
Display Blank (Active Low)
Blanking the entire display may be accom-
plished by holding the BL input low—not a
stored function. When BL is released, the
stored characters are again displayed. BL can
be used for flashing or dimming.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com