Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1T14 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V1T14
Description  SINGLE SCHMITT INVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1T14 Datasheet(HTML) 1 Page - STMicroelectronics

  74V1T14 Datasheet HTML 1Page - STMicroelectronics 74V1T14 Datasheet HTML 2Page - STMicroelectronics 74V1T14 Datasheet HTML 3Page - STMicroelectronics 74V1T14 Datasheet HTML 4Page - STMicroelectronics 74V1T14 Datasheet HTML 5Page - STMicroelectronics 74V1T14 Datasheet HTML 6Page - STMicroelectronics 74V1T14 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74V1T14
SINGLE SCHMITT INVERTER
October 1999
s
HIGH SPEED: tPD = 4.7 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1
µA (MAX.) at TA =25 oC
s
TYPICAL HYSTERESIS: Vh =0.7V AT VCC =4.5V
s
POWER DOWN PROTECTION ON INPUT
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V1T14 is an advanced high-speed CMOS
SINGLE SCHMITT INVERTER fabricated with
sub-micron silicon gate and double-layer metal
wiring C
2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which provide high noise
immunity and stable output.
Power down protection is provided on input and 0
to 7V can be accepted on input with no regard to
the supply voltage. This device can be used to
interface 5V to 3V.
Pin configuration and function are the same as
those of
the V1G04 but
the
V1G14 has
hysteresis.
The schmitt trigger function allows it to be used
on line receivers with slow rise/fall input signals.
PIN CONNECTION AND IEC LOGIC SYMBOLS
®
S
(SOT23-5L)
C
(SC-70)
ORDER CODE:
74V1T14S
74V1T14C
1/7


Similar Part No. - 74V1T14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T14 STMICROELECTRONICS-74V1T14 Datasheet
108Kb / 9P
SINGLE SCHMITT INVERTER
Apr-2004
74V1T14CTR STMICROELECTRONICS-74V1T14CTR Datasheet
108Kb / 9P
SINGLE SCHMITT INVERTER
Apr-2004
74V1T14STR STMICROELECTRONICS-74V1T14STR Datasheet
108Kb / 9P
SINGLE SCHMITT INVERTER
Apr-2004
74V1T14 STMICROELECTRONICS-74V1T14_04 Datasheet
108Kb / 9P
SINGLE SCHMITT INVERTER
Apr-2004
More results

Similar Description - 74V1T14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G14 STMICROELECTRONICS-74V1G14 Datasheet
49Kb / 7P
SINGLE SCHMITT INVERTER
Oct-1999
logo
Texas Instruments
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
SINGLE SCHMITT TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
Single Schmitt-trigger inverter
2004 Sep 10
logo
Rohm
BU4S584G2 ROHM-BU4S584G2 Datasheet
152Kb / 5P
Single Schmitt inverter
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
SINGLE SCHMITT-TRIGGER INVERTER
logo
STMicroelectronics
74V1G14 STMICROELECTRONICS-74V1G14_04 Datasheet
110Kb / 9P
SINGLE SCHMITT INVERTER
Apr-2004
74V1T14 STMICROELECTRONICS-74V1T14_04 Datasheet
108Kb / 9P
SINGLE SCHMITT INVERTER
Apr-2004
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
Single Schmitt-trigger inverter
Rev. 07-18 July 2007
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
SINGLE SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com