Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VF2F2 Datasheet(PDF) 3 Page - Future Technology Devices International Ltd.

Part # VF2F2
Description  USB Flash Disk File-to-file Transfer Vinculum Evaluation Kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VF2F2 Datasheet(HTML) 3 Page - Future Technology Devices International Ltd.

  VF2F2 Datasheet HTML 1Page - Future Technology Devices International Ltd. VF2F2 Datasheet HTML 2Page - Future Technology Devices International Ltd. VF2F2 Datasheet HTML 3Page - Future Technology Devices International Ltd. VF2F2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VF2F2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VF2F2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VF2F2 Datasheet HTML 7Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VF2F2 USB Flash Disk FIle-to-File Transfer
Vinculum Evaluation Kit Datasheet Version 0.90
© Future Technology Devices International Ltd. 2007
Page 
2. Function and Operation
2.1 Button Functions
2.2 USB Interface Ports
Button �
Button 2
Button �
Button 4
USB �ort �
USB �ort 2
Figure 2 - VF2F2 USB �ort Interface
USB Port 1 �� ���� ���� ������� ������ ������ C������� ���� �������� ������ (��� ������� ���� ���� �������� ������ ������
�����)�
USB Port 2 �� ���� ���� ������ ������ ������ C������� � ���� ������ ���� ������
The two red / green LED�s will indicate the status of the USB device connected. These two LED�s will �e off when
��� ������ �� ������������ ��� ������� ����������� � �������� ��� ����� ����� � ������ �� ���������� ��� ����� ���� �����
transfer to �egin.
Button 1 - �ower on. �ress and hold for 200 ms to switch
on the VF2F2. The Yellow LED indicates that the �oard is
powered. The �oard will auto-power off after �0 seconds
in order to conserve �attery power.
Button 2 - C��������� ���� ��� ��������� ������� �� ���� V���C
���������
Button 3 - Initiates data transfer from the source device
on USB �ort � to the target device on USB �ort 2. The
four green LED�s will display a cascade effect from USB
�ort � to USB �ort 2 during data transfer
Button 4 - �ower off. �ress and hold for at least 200 ms
to power down the VF2F2.
Figure � - VF2F Button interface



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com