Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VF2F2 Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # VF2F2
Description  USB Flash Disk File-to-file Transfer Vinculum Evaluation Kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VF2F2 Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

  VF2F2 Datasheet HTML 1Page - Future Technology Devices International Ltd. VF2F2 Datasheet HTML 2Page - Future Technology Devices International Ltd. VF2F2 Datasheet HTML 3Page - Future Technology Devices International Ltd. VF2F2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VF2F2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VF2F2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VF2F2 Datasheet HTML 7Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
VF2F2 USB Flash Disk FIle-to-File Transfer
Vinculum Evaluation Kit Datasheet Version 0.90
© Future Technology Devices International Ltd. 2007
Page 
4.1 VF2F2 Board Dimensions
4. Dimensions
The VF2F2 �oard dimensions are shown �elow.
Figure 4 - VF2F2, top view.
Figure � - VF2F2, side view.
19.7 mm /
0.8"
69.8 mm / 2.7"
50.9 mm / 2.0"
23.5 mm /
0.9"
19.8 mm /
0.8"
44.8 mm /
1.8"
14.5 mm /
0.6"
9.0 mm /
0.6"
9.0 mm /
0.6"
13.00mm
(0.5")
50.00 +/-20.00mm
(2.0+/-0.8")
1.7mm
(0.07")
1.7mm
(0.07")
11.4mm
(0.45")



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com