Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPX81 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # BPX81
Description  NPN-Silizium-Fototransistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX81 Datasheet(HTML) 1 Page - OSRAM GmbH

  BPX81 Datasheet HTML 1Page - OSRAM GmbH BPX81 Datasheet HTML 2Page - OSRAM GmbH BPX81 Datasheet HTML 3Page - OSRAM GmbH BPX81 Datasheet HTML 4Page - OSRAM GmbH BPX81 Datasheet HTML 5Page - OSRAM GmbH BPX81 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BPX 81
NPN-Silizium-Fototransistor
Silicon NPN Phototransistor
2001-02-21
1
Wesentliche Merkmale
• Speziell geeignet für Anwendungen im Bereich
von 440 nm bis 1070 nm
• Hohe Linearität
• Einstellige Zeilenbauform aus klarem Epoxy
• Gruppiert lieferbar
Anwendungen
• Computer-Blitzlichtgeräte
• Miniaturlichtschranken für Gleich- und
Wechsellichtbetrieb
• Industrieelektronik
• „Messen/Steuern/Regeln“
Typ
Type
Bestellnummer
Ordering Code
BPX 81
Q62702-P20
BPX 81-2/3
Q62702-P3583
BPX 81-3
Q62702-P43-S3
BPX 81-3/4
Q62702-P3584
BPX 81-4
Q62702-P43-S4
Features
• Especially suitable for applications from
440 nm to 1070 nm
• High linearity
• One-digit array package of transparent epoxy
• Available in groups
Applications
• Computer-controlled flashes
• Miniature photointerrupters
• Industrial electronics
• For control and drive circuits


Similar Part No. - BPX81

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPX81 SIEMENS-BPX81 Datasheet
210Kb / 4P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
logo
OSRAM GmbH
BPX81 OSRAM-BPX81 Datasheet
320Kb / 10P
Computer-controlled flashes
logo
Siemens Semiconductor G...
BPX81-2 SIEMENS-BPX81-2 Datasheet
210Kb / 4P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
logo
OSRAM GmbH
BPX81-2/3 OSRAM-BPX81-2/3 Datasheet
320Kb / 10P
Computer-controlled flashes
logo
Siemens Semiconductor G...
BPX81-3 SIEMENS-BPX81-3 Datasheet
210Kb / 4P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results

Similar Description - BPX81

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BP103B SIEMENS-BP103B Datasheet
163Kb / 5P
NPN-Silizium-Fototransistor NEU: NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
logo
OSRAM GmbH
SFH305 OSRAM-SFH305_01 Datasheet
184Kb / 6P
Mini-NPN-Silizium-Fototransistor
SFH302 OSRAM-SFH302_01 Datasheet
184Kb / 6P
NPN-Silizium-Fototransistor
SFH3010 OSRAM-SFH3010 Datasheet
56Kb / 6P
NPN-Silizium-Fototransistor
SFH3401 OSRAM-SFH3401_01 Datasheet
72Kb / 7P
NPN-Silizium-Fototransistor
BP-103 OSRAM-BP-103 Datasheet
226Kb / 7P
NPN-Silizium-Fototransistor
SFH-303-FA OSRAM-SFH-303-FA Datasheet
304Kb / 7P
NPN-Silizium-Fototransistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com