Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R88-R88I-0111 Datasheet(PDF) 2 Page - GIACOMINI WATER E-MOTION

Part # R88-R88I-0111
Description  Automatic air vent valves
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R88-R88I-0111 Datasheet(HTML) 2 Page - GIACOMINI WATER E-MOTION

  R88-R88I-0111 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R88-R88I-0111 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R88-R88I-0111 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R88-R88I-0111 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
Mounting instruction: R88 + R160
In order to equip the R88 valve with R160 shut-off valve,
proceed as follows:
R160
R88
Before screwing the R160
valve, verify that the plastic
paddle does not interfere
with the parts inside the seat,
it is necessary to have a free
space of at least 35 mm.
If any interference is present,
cut the exceeding part of the
paddle with a shear.
After the screwing of the R160
valve on the installation seat,
remove the possible plastic
paddle of the automatic air
vent valve and proceed with
the assembly.
Screw the automatic air vent
valve to the R160 valve, by
making the plastic paddle
be guided by the hole of the
body of the air vent valve.
R88
R160
Installation
R88 and R88I automatic air vent valves are usually installed
on each type of manifolds, at “high points” of the pipes
where an air pocket could form, on wall heating boilers or
ground-floor boilers, near unit heaters or heat exchangers.
The automatic air vent valves must be installed vertically,
with the plug facing upwards. The installation is advisable
in places that can be easily inspected.
WARNING. Close the cap of the air vent valve when rinsing out and filling
the system, to prevent impurities from entering the mechanisms of the valve
and damaging it.
 NOTE. It is possible combining a R160 shut-off valve in sizes 1/4”x3/8” and
1/4”x1/2”, to the automatic valve R88.
R160 valve permits the disassembly of the valve for possible maintenance,
without emptying the system.
This combination (valve R88 + valve R160) can be also purchased and it is
distinguished by the product series R88I in sizes 3/8” and 1/2”.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com