Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R88-R88I-0111 Datasheet(PDF) 1 Page - GIACOMINI WATER E-MOTION

Part # R88-R88I-0111
Description  Automatic air vent valves
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R88-R88I-0111 Datasheet(HTML) 1 Page - GIACOMINI WATER E-MOTION

  R88-R88I-0111 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R88-R88I-0111 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R88-R88I-0111 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R88-R88I-0111 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
R88, R88I
Datasheet
0111EN  11/2023
Automatic
air vent valves
Technical data
• Temperature range: 5÷120°C
• Max. working pressure: 14 bar
• Max. pressure of air vent operation: 7 bar
• Use fluids: water and glycol solutions (max. 50%)
Materials
• Body: UNI EN 12165 CW617N brass
• O-Ring: EPDM
• Stopper spring: stainless steel
• Internal float: PP-H
Versions and product codes
SERIES
PRODUCT CODE CONNECTIONS
FEATURE
R88
R88Y001
G 1/4”M
-
R88Y002
G 3/8”M
R88I
R88IY002
G 3/8”M
With R160
shut-off valve
R88IY003
R 1/2”
Performance
The table and the graph report the discharge air capacities,
in standard conditions, at the change of the pressure of the
system.
0
0
1
2
3
4
5
6
7
100
200
300
400
500
600
Pressure [bar]
Pressure
[bar]
Air flow rate
[l/h]
1
440
2
510
3
540
4
500
5
400
6
310
7
250
R88 and R88I automatic air vent valves can discharge the
air that formed into the hydraulic circuits of the heating/
cooling or domestic water systems.
This avoids the onset of negative phenomenon, that could
compromise the lifetime and the efficiency of the thermal
system.
The automatic air vent valves perform during the normal
operation of the system, where the air discharge shall
happen intermittently and not continuously, with modest air
amounts to be discharged.
R88
R88I


Similar Part No. - R88-R88I-0111

ManufacturerPart #DatasheetDescription
logo
RDC Semiconductor
R8800 RDC-R8800 Datasheet
70Kb / 5P
16-BIT RISC MICROCONTROLLER
R8800I RDC-R8800I Datasheet
70Kb / 5P
16-BIT RISC MICROCONTROLLER
R8810 RDC-R8810 Datasheet
72Kb / 5P
16-BIT RISC MICROCONTROLLER
R8810I RDC-R8810I Datasheet
72Kb / 5P
16-BIT RISC MICROCONTROLLER
R8810LV RDC-R8810LV Datasheet
763Kb / 93P
16-Bit RISC Microcontroller User?셲 Manual
More results

Similar Description - R88-R88I-0111

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
NBX-10910 BUD-NBX-10910 Datasheet
42Kb / 1P
AIR AND MOISTURE VENT
logo
Ralston Instruments.
QTVC-1KPSIG-D RALSTON-QTVC-1KPSIG-D_16 Datasheet
1Mb / 2P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
QTVC-1KPSIG-M RALSTON-QTVC-1KPSIG-M_16 Datasheet
508Kb / 2P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
QTVC-2FBA-6-3 RALSTON-QTVC-2FBA-6-3_16 Datasheet
371Kb / 1P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
QTVC-2FBA-RG-2M-1M RALSTON-QTVC-2FBA-RG-2M-1M_16 Datasheet
371Kb / 1P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
QTVC-2MBA-6-3 RALSTON-QTVC-2MBA-6-3_16 Datasheet
371Kb / 1P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
QTVC-3FBA-RG-2M-1M RALSTON-QTVC-3FBA-RG-2M-1M_16 Datasheet
371Kb / 1P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
QTVC-3KPSIG-D RALSTON-QTVC-3KPSIG-D_16 Datasheet
1Mb / 2P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
QTVC-4FBA-RG-2M-1M RALSTON-QTVC-4FBA-RG-2M-1M_16 Datasheet
371Kb / 1P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
logo
Cynergy3 Co
SOL1A1 CYNERGY3-SOL1A1 Datasheet
176Kb / 2P
Industrial Solenoid Valves
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com