Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH3201-2/3 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH3201-2/3
Description  NPN-Silizium-Fototransistor im SMT-Gehase
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3201-2/3 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH3201-2/3 Datasheet HTML 1Page - OSRAM GmbH SFH3201-2/3 Datasheet HTML 2Page - OSRAM GmbH SFH3201-2/3 Datasheet HTML 3Page - OSRAM GmbH SFH3201-2/3 Datasheet HTML 4Page - OSRAM GmbH SFH3201-2/3 Datasheet HTML 5Page - OSRAM GmbH SFH3201-2/3 Datasheet HTML 6Page - OSRAM GmbH SFH3201-2/3 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SFH 3201
NPN-Silizium-Fototransistor im SMT-Gehäuse
Silicon NPN Phototransistor in SMT Package
Vorläufige Daten / Preliminary Data
2002-12-06
1
Wesentliche Merkmale
• Speziell geeignet für Anwendungen im Bereich
von 460 nm bis 1080 nm
• Hohe Linearität
• SMT-Bauform ohne Basisanschluß, geeignet
für Vapor Phase-Löten, IR-Reflow-Löten
(JEDEC level 4) und Wellenlöten (JEDEC
level 4)
• Nur gegurtet lieferbar
Anwendungen
• Umgebungslicht-Detektor
• Lichtschranken für Gleich- und
Wechsel-lichtbetrieb
• Industrieelektronik
• „Messen/Steuern/Regeln“
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
SFH 3201
Q62702-P5043
P-DSO-6
SFH 3201-2/3
Q62702-P5209
P-DSO-6
Features
• Especially suitable for applications from
460 nm to 1080 nm
• High linearity
• SMT package without base connection,
suitable for vapor phase, IR reflow soldering
(JEDEC level 4) and wave soldering (JEDEC
level 4)
• Available only on tape and reel
Applications
• Ambient light detector
• Photointerrupters
• Industrial electronics
• For control and drive circuits


Similar Part No. - SFH3201-2/3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH320 SIEMENS-SFH320 Datasheet
188Kb / 5P
NPN-Silizium-Fototransistor im SMT TOPLEDa-Gehause Silicon NPN Phototransistor in SMT TOPLEDa-Package
logo
OSRAM GmbH
SFH320 OSRAM-SFH320 Datasheet
149Kb / 7P
NPN-Silizium-Fototransistor im SMT TOPLED
logo
Siemens Semiconductor G...
SFH320-3 SIEMENS-SFH320-3 Datasheet
188Kb / 5P
NPN-Silizium-Fototransistor im SMT TOPLEDa-Gehause Silicon NPN Phototransistor in SMT TOPLEDa-Package
logo
OSRAM GmbH
SFH320-3 OSRAM-SFH320-3 Datasheet
149Kb / 7P
NPN-Silizium-Fototransistor im SMT TOPLED
SFH320-3/-4 OSRAM-SFH320-3/-4 Datasheet
149Kb / 7P
NPN-Silizium-Fototransistor im SMT TOPLED
More results

Similar Description - SFH3201-2/3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH320 SIEMENS-SFH320 Datasheet
188Kb / 5P
NPN-Silizium-Fototransistor im SMT TOPLEDa-Gehause Silicon NPN Phototransistor in SMT TOPLEDa-Package
SFH325 SIEMENS-SFH325 Datasheet
278Kb / 5P
NPN-Silizium-Fototransistor im SMT SIDELEDa-Gehause Silicon NPN Phototransistor in SMT SIDELEDa-Package
logo
OSRAM GmbH
BPX81 OSRAM-BPX81_01 Datasheet
171Kb / 6P
NPN-Silizium-Fototransistor
SFH302 OSRAM-SFH302_01 Datasheet
184Kb / 6P
NPN-Silizium-Fototransistor
SFH3010 OSRAM-SFH3010 Datasheet
56Kb / 6P
NPN-Silizium-Fototransistor
SFH320 OSRAM-SFH320_01 Datasheet
149Kb / 7P
NPN-Silizium-Fototransistor im SMT TOPLED
SFH3211 OSRAM-SFH3211 Datasheet
76Kb / 7P
NPN-Silizium-Fototransistor in SMT TOPLED
SFH3401 OSRAM-SFH3401_01 Datasheet
72Kb / 7P
NPN-Silizium-Fototransistor
Q65110A1574 OSRAM-Q65110A1574 Datasheet
388Kb / 14P
NPN-Silizium-Fototransistor im MIDLED-Geh채use
Q65110A2486 OSRAM-Q65110A2486 Datasheet
203Kb / 10P
NPN-Silizium-Fototransistor im SMT SIDELED짰-Gehause Silicon NPN Phototransistor in SMT SIDELED짰-Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com