Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH3401-2 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH3401-2
Description  NPN-Silizium-Fototransistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3401-2 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH3401-2 Datasheet HTML 1Page - OSRAM GmbH SFH3401-2 Datasheet HTML 2Page - OSRAM GmbH SFH3401-2 Datasheet HTML 3Page - OSRAM GmbH SFH3401-2 Datasheet HTML 4Page - OSRAM GmbH SFH3401-2 Datasheet HTML 5Page - OSRAM GmbH SFH3401-2 Datasheet HTML 6Page - OSRAM GmbH SFH3401-2 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SFH 3401
2001-12-11
3
Kennwerte (
T
A = 25 °C, λ = 950 nm)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
Smax
850
nm
Spektraler Bereich der Fotoempfindlichkeit
S = 10% von S
max
Spectral range of sensitivity
S = 10% of S
max
λ
460
… 1080
nm
Bestrahlungsempfindliche Fläche
Radiant sensitive area
A
0.55
mm
2
Abmessungen der Chipfläche
Dimensions of chip area
L
× B
L
× W
1
× 1mm × mm
Halbwinkel
Half angle
ϕ± 60
Grad
deg.
Kapazität,
V
CE = 0 V, f = 1 MHz, E =0
Capacitance
C
CE
15
pF
Kapazität,
V
CB = 0 V, f = 1 MHz, E =0
Capacitance
C
CB
45
pF
Kapazität,
V
EB = 0 V, f = 1 MHz, E =0
Capacitance
C
EB
19
pF
Dunkelstrom
Dark current
V
CE = 10 V, E =0
I
CEO
3 (
≤ 200)
nA
Fotostrom der Kollektor-Basis Fotodiode
Photocurrent of collektor-base photodiode
E
e = 0.1 mW/cm
2, V
CB = 5 V
E
v = 1000 Ix, Normlicht/standard light A, VCB = 5 V
I
PCB
I
PCB
0.28
4.8
µA
µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com