Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH3401-2 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH3401-2
Description  NPN-Silizium-Fototransistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3401-2 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH3401-2 Datasheet HTML 1Page - OSRAM GmbH SFH3401-2 Datasheet HTML 2Page - OSRAM GmbH SFH3401-2 Datasheet HTML 3Page - OSRAM GmbH SFH3401-2 Datasheet HTML 4Page - OSRAM GmbH SFH3401-2 Datasheet HTML 5Page - OSRAM GmbH SFH3401-2 Datasheet HTML 6Page - OSRAM GmbH SFH3401-2 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SFH 3401
NPN-Silizium-Fototransistor
Silicon NPN Phototransistor
2001-12-11
1
Wesentliche Merkmale
• Speziell geeignet für Anwendungen im Bereich
von 460 nm bis 1080 nm
• Hohe Linearität
• SMT-Bauform mit Basisanschluß, geeignet für
Vapor Phase-Löten und IR-Reflow-Löten
(JEDEC level 4)
• Nur gegurtet lieferbar
Anwendungen
• Umgebungslicht-Detektor
• Lichtschranken für Gleich- und
Wechsellichtbetrieb
• Industrieelektronik
• „Messen/Steuern/Regeln“
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
SFH 3401
Q62702-P5014
Klares Epoxy-Gie
βharz,
Kollektorkennzeichung: breiter Anschluß
Transparent epoxy resin,
collector marking: broad lead
SFH 3401-2/3
Q62702-P5200
Features
• Especially suitable for applications from
460 nm to 1080 nm
• High linearity
• SMT package with base connection, suitable
for vapor phase and IR reflow soldering
(JEDEC level 4)
• Available only on tape and reel
Applications
• Ambient light detector
• Photointerrupters
• Industrial electronics
• For control and drive circuits


Similar Part No. - SFH3401-2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results

Similar Description - SFH3401-2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BP103B SIEMENS-BP103B Datasheet
163Kb / 5P
NPN-Silizium-Fototransistor NEU: NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
logo
OSRAM GmbH
BPX81 OSRAM-BPX81_01 Datasheet
171Kb / 6P
NPN-Silizium-Fototransistor
SFH305 OSRAM-SFH305_01 Datasheet
184Kb / 6P
Mini-NPN-Silizium-Fototransistor
SFH302 OSRAM-SFH302_01 Datasheet
184Kb / 6P
NPN-Silizium-Fototransistor
SFH3010 OSRAM-SFH3010 Datasheet
56Kb / 6P
NPN-Silizium-Fototransistor
BP-103 OSRAM-BP-103 Datasheet
226Kb / 7P
NPN-Silizium-Fototransistor
SFH-303-FA OSRAM-SFH-303-FA Datasheet
304Kb / 7P
NPN-Silizium-Fototransistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com