Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH303 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH303
Description  Silicon NPN Phototransistor; with Daylight Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH303 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH303 Datasheet HTML 1Page - OSRAM GmbH SFH303 Datasheet HTML 2Page - OSRAM GmbH SFH303 Datasheet HTML 3Page - OSRAM GmbH SFH303 Datasheet HTML 4Page - OSRAM GmbH SFH303 Datasheet HTML 5Page - OSRAM GmbH SFH303 Datasheet HTML 6Page - OSRAM GmbH SFH303 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SFH 303
SFH 303 FA
NPN-Silizium-Fototransistor; mit Tageslichtsperrfilter
Silicon NPN Phototransistor; with Daylight Filter
Lead (Pb) Free Product - RoHS Compliant
SFH 303
SFH 303 FA
2007-04-02
1
Wesentliche Merkmale
• Speziell geeignet für Anwendungen im Bereich
von 450 nm bis 1100 nm (SFH 303) und von
730 nm bis 1100 nm (SFH 303 FA)
• Hohe Linearität
• 5 mm-Plastikbauform im LED-Gehäuse mit
Basisanschluss
• Auch gegurtet und gruppiert lieferbar
Anwendungen
• Lichtschranken für Gleich- und
Wechsellichtbetrieb
• Industrieelektronik
• „Messen/Steuern/Regeln“
Typ
Type
Bestellnummer
Ordering Code
SFH 303
Q62702P0957
SFH 303-3/4
Q62702P3588
SFH 303 FA
Q62702P0958
SFH 303 FA-3/4
Q62702P3587
Features
• Especially suitable for applications from
450 nm to 1100 nm (SFH 303) and from
730 nm to 1100 nm (SFH 303 FA)
• High linearity
• 5 mm LED plastic package with base
connection
• Also available on tape and reel and in groups
Applications
• Light-reflecting switches for steady and varying
intensity
• Industrial electronics
• For control and drive circuits


Similar Part No. - SFH303

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH303 SIEMENS-SFH303 Datasheet
250Kb / 5P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH303-2 SIEMENS-SFH303-2 Datasheet
250Kb / 5P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH303-3 SIEMENS-SFH303-3 Datasheet
250Kb / 5P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH303-4 SIEMENS-SFH303-4 Datasheet
250Kb / 5P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH303F SIEMENS-SFH303F Datasheet
250Kb / 5P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results

Similar Description - SFH303

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
PTP83016BT24 CTMICRO-PTP83016BT24 Datasheet
2Mb / 9P
SMD Type Phototransistor with Daylight Filter
logo
OSRAM GmbH
SFH3100F OSRAM-SFH3100F Datasheet
216Kb / 9P
Silicon NPN Phototransistor with Daylight - Cutoff Filter Version 1.5
SFH-3100-F OSRAM-SFH-3100-F Datasheet
216Kb / 9P
Silicon NPN Phototransistor with Daylight - Cutoff Filter
logo
CT Micro International ...
PTP81608BT06 CTMICRO-PTP81608BT06 Datasheet
935Kb / 10P
SMD Type Phototransistor with Daylight Filter
Rev 0.2 Sep, 2018
PTP81608BT09 CTMICRO-PTP81608BT09 Datasheet
806Kb / 9P
SMD Type Phototransistor with Daylight Filter
Rev 0.1 Jun, 2017
PTP82406BT14 CTMICRO-PTP82406BT14 Datasheet
923Kb / 10P
SMD Type Phototransistor with Daylight Filter
Rev 1 Apr, 2018
PTP83010BT20 CTMICRO-PTP83010BT20 Datasheet
942Kb / 10P
SMD Type Phototransistor with Daylight Filter
Rev 1 Jan, 2015
PTP83012BT24 CTMICRO-PTP83012BT24 Datasheet
953Kb / 10P
SMD Type Phototransistor with Daylight Filter
Rev 0.1 Jun, 2015
PTP83015BT12 CTMICRO-PTP83015BT12 Datasheet
946Kb / 10P
SMD Type Phototransistor with Daylight Filter
Rev0.1 Jan, 2019
PTP83216BT18 CTMICRO-PTP83216BT18 Datasheet
974Kb / 10P
SMD Type Phototransistor with Daylight Filter
Rev 0.1 Aug, 2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com