Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH303 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH303
Description  Silicon NPN Phototransistor; with Daylight Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH303 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH303 Datasheet HTML 1Page - OSRAM GmbH SFH303 Datasheet HTML 2Page - OSRAM GmbH SFH303 Datasheet HTML 3Page - OSRAM GmbH SFH303 Datasheet HTML 4Page - OSRAM GmbH SFH303 Datasheet HTML 5Page - OSRAM GmbH SFH303 Datasheet HTML 6Page - OSRAM GmbH SFH303 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SFH 303, SFH 303 FA
2007-04-02
5
Relative Spectral Sensitivity,
SFH 303
S
rel = f (λ)
Output Characteristics
I
C = f (VCE), IB = Parameter
Directional Characteristics
S
rel = f (ϕ)
Relative Spectral Sensitivity,
SFH 303 FA
S
rel = f (λ)
Dark Current
I
CEO = f (VCE), E = 0
Photocurrent
I
PCE = f (Ee), VCE = 5 V
Capacitance
C = f (V
R), f = 1 MHz, E = 0
V
OHF00291
r
-3
10
C
0
V
2
4
6
8
10
12
14
16
18
22
pF
C EB
CB
C
CE
C
10
-2
10
-1
10
0
10
1
10
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com