Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R99-R99I-0159 Datasheet(PDF) 4 Page - GIACOMINI WATER E-MOTION

Part # R99-R99I-0159
Description  Automatic air vent valves
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R99-R99I-0159 Datasheet(HTML) 4 Page - GIACOMINI WATER E-MOTION

  R99-R99I-0159 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R99-R99I-0159 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R99-R99I-0159 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R99-R99I-0159 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
Product specifications
R99
High performance automatic air vent for heating/cooling or domestic water systems. Body in UNI EN 12165 CW617N brass.
O-Ring in EPDM. Stopper spring in stainless steel. Internal float in PP-H. Use fluids: water and glycol solutions (max. 50%).
Temperature range 5÷120 °C. Max. working pressure 14 bar. Max. pressure of air vent operation 7 bar.
R99I
High performance automatic air vent valve equipped with R160 shut-off valve, for heating/cooling or domestic water
systems. Body in UNI EN 12165 CW617N brass. O-Ring in EPDM. Stopper spring in stainless steel. Internal float in PP-H. Use
fluids: water and glycol solutions (max. 50%). Temperature range 5÷120 °C. Max. working pressure 14 bar. Max. pressure of air
vent operation 7 bar.
 Package Disposal. Carton boxes: paper recycling. Plastic bags and bubble wrap: plastic
recycling.
 Product Disposal. Do not dispose of product as municipal waste at the end of its life cycle.
Dispose of product at a special recycling platform managed by local authorities or at retailers
providing this type of service.
 Safety Warning. Installation, commissioning and periodical maintenance of the product
must be carried out by qualified operators in compliance with national regulations and/or local
standards. A qualified installer must take all required measures, including use of Individual
Protection Devices, for his and others’ safety. An improper installation may damage people,
animals or objects towards which Giacomini S.p.A. may not be held liable.
 Additional information. For more information, go to giacomini.com or contact our technical
assistance service. This document provides only general indications. Giacomini S.p.A. may change
at any time, without notice and for technical or commercial reasons, the items included herewith.
The information included in this technical sheet do not exempt the user from strictly complying
with the rules and good practice standards in force.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com