Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R99-R99I-0159 Datasheet(PDF) 1 Page - GIACOMINI WATER E-MOTION

Part # R99-R99I-0159
Description  Automatic air vent valves
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R99-R99I-0159 Datasheet(HTML) 1 Page - GIACOMINI WATER E-MOTION

  R99-R99I-0159 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R99-R99I-0159 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R99-R99I-0159 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R99-R99I-0159 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
R99, R99I
Datasheet
0159EN  03/2021
Automatic
air vent valves
Versions and product codes
SERIES
PRODUCT CODE CONNECTIONS
FEATURE
R99
R99Y001
G 1/4”M
-
R99Y002
G 3/8”M
R99Y003
G 1/2”M
Without plastic paddle
R99Y033
Ø 15 mm
With nut and ferrule
R99I
R99IY002
G 3/8”M
With R160
shut-off valve
R99IY003
R 1/2”
Technical data
• Temperature range: 5÷120°C
• Max. working pressure: 14 bar
• Max. pressure of air vent operation: 7 bar
• Use fluids: water and glycol solutions (max. 50%)
Materials
• Body and cap: UNI EN 12165 CW617N brass
• O-Ring: EPDM
• Stopper spring: stainless steel
• Internal float: PP-H
Performance
The table and the graph report the discharge air capacities,
in standard conditions, at the change of the pressure of the
system.
Pressure
[bar]
Air flow rate
[l/h]
1
1200
2
1500
3
1700
4
1900
5
2000
6
2100
7
2200
 NOTE. The air discharge
capacities of the R99 valve
increase progressively at the
pressure increase by showing the
efficiency of the mechanism.
1
0
2
3
4
5
6
7
1000
1500
2000
2500
0
500
Pressure [bar]
R99 and R99I automatic air vent valves can discharge the
air that formed into the hydraulic circuits of the heating/
cooling or domestic water systems.
This avoids the onset of negative phenomenon, that could
compromise the lifetime and the efficiency of the thermal
system.
The automatic air vent valves perform during the normal
operation of the system, where the air discharge shall
happen intermittently and not continuously, with modest air
amounts to be discharged.
R99
R99I


Similar Part No. - R99-R99I-0159

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
R99-07 OMRON-R99-07 Datasheet
3Mb / 13P
A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
R99-12 FOR G3NA OMRON-R99-12 FOR G3NA Datasheet
2Mb / 19P
Solid State Relays
March 2020
More results

Similar Description - R99-R99I-0159

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
NBX-10910 BUD-NBX-10910 Datasheet
42Kb / 1P
AIR AND MOISTURE VENT
logo
Ralston Instruments.
QTVC-1KPSIG-D RALSTON-QTVC-1KPSIG-D_16 Datasheet
1Mb / 2P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
QTVC-1KPSIG-M RALSTON-QTVC-1KPSIG-M_16 Datasheet
508Kb / 2P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
QTVC-2FBA-6-3 RALSTON-QTVC-2FBA-6-3_16 Datasheet
371Kb / 1P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
QTVC-2FBA-RG-2M-1M RALSTON-QTVC-2FBA-RG-2M-1M_16 Datasheet
371Kb / 1P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
QTVC-2MBA-6-3 RALSTON-QTVC-2MBA-6-3_16 Datasheet
371Kb / 1P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
QTVC-3FBA-RG-2M-1M RALSTON-QTVC-3FBA-RG-2M-1M_16 Datasheet
371Kb / 1P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
QTVC-3KPSIG-D RALSTON-QTVC-3KPSIG-D_16 Datasheet
1Mb / 2P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
QTVC-4FBA-RG-2M-1M RALSTON-QTVC-4FBA-RG-2M-1M_16 Datasheet
371Kb / 1P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
logo
Cynergy3 Co
SOL1A1 CYNERGY3-SOL1A1 Datasheet
176Kb / 2P
Industrial Solenoid Valves
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com