Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH313-2/3 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH313-2/3
Description  Silicon NPN Phototransistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH313-2/3 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH313-2/3 Datasheet HTML 1Page - OSRAM GmbH SFH313-2/3 Datasheet HTML 2Page - OSRAM GmbH SFH313-2/3 Datasheet HTML 3Page - OSRAM GmbH SFH313-2/3 Datasheet HTML 4Page - OSRAM GmbH SFH313-2/3 Datasheet HTML 5Page - OSRAM GmbH SFH313-2/3 Datasheet HTML 6Page - OSRAM GmbH SFH313-2/3 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SFH 313
SFH 313 FA
NPN-Silizium-Fototransistor
Silicon NPN Phototransistor
Lead (Pb) Free Product - RoHS Compliant
SFH 313
SFH 313 FA
2007-03-30
1
Wesentliche Merkmale
• Speziell geeignet für Anwendungen im Bereich
von 460 nm bis 1080 nm (SFH 313) und bei
880 nm (SFH 313 FA)
• Hohe Linearität
• 5 mm-Plastikbauform
Anwendungen
• Computer-Blitzlichtgeräte
• Lichtschranken für Gleich- und
Wechsellichtbetrieb
• Industrieelektronik
• „Messen/Steuern/Regeln“
Typ
Type
Bestellnummer
Ordering Code
SFH 313
Q62702P1667
SFH 313-2/3
Q62702P3598
SFH 313 FA
Q62702P1674
SFH 313 FA-2/3
Q62702P3597
SFH 313 FA-3/4
Q62702P5196
Features
• Especially suitable for applications from
460 nm to 1080 nm (SFH 313) and of 880 nm
(SFH 313 FA)
• High linearity
• 5 mm plastic package
Applications
• Computer-controlled flashes
• Photointerrupters
• Industrial electronics
• For control and drive circuits


Similar Part No. - SFH313-2/3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH313-2 SIEMENS-SFH313-2 Datasheet
44Kb / 5P
.Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
More results

Similar Description - SFH313-2/3

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2000X01 VISHAY-VEMT2000X01 Datasheet
138Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT2500X01 VISHAY-VEMT2500X01_11 Datasheet
140Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT3700F VISHAY-VEMT3700F_10 Datasheet
127Kb / 6P
Silicon NPN Phototransistor
14-Jul-10
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com