Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH313-2/3 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH313-2/3
Description  Silicon NPN Phototransistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH313-2/3 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH313-2/3 Datasheet HTML 1Page - OSRAM GmbH SFH313-2/3 Datasheet HTML 2Page - OSRAM GmbH SFH313-2/3 Datasheet HTML 3Page - OSRAM GmbH SFH313-2/3 Datasheet HTML 4Page - OSRAM GmbH SFH313-2/3 Datasheet HTML 5Page - OSRAM GmbH SFH313-2/3 Datasheet HTML 6Page - OSRAM GmbH SFH313-2/3 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2007-03-30
2
SFH 313, SFH 313 FA
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40
… + 100
°C
Kollektor-Emitterspannung
Collector-emitter voltage
V
CE
70
V
Kollektorstrom
Collector current
I
C
50
mA
Kollektorspitzenstrom,
τ < 10 μs
Collector surge current
I
CS
100
mA
Emitter-Kollektorspannung
Emitter-collector voltage
V
EC
7
V
Verlustleistung,
T
A = 25 °C
Total power dissipation
P
tot
200
mW
Wärmewiderstand
Thermal resistance
R
thJA
375
K/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com