Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4585 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH4585
Description  GaAlAs Infrared Emitters (880 nm) in SMR짰 Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4585 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH4585 Datasheet HTML 1Page - OSRAM GmbH SFH4585 Datasheet HTML 2Page - OSRAM GmbH SFH4585 Datasheet HTML 3Page - OSRAM GmbH SFH4585 Datasheet HTML 4Page - OSRAM GmbH SFH4585 Datasheet HTML 5Page - OSRAM GmbH SFH4585 Datasheet HTML 6Page - OSRAM GmbH SFH4585 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SFH 4580, SFH 4585
2002-08-20
3
Schaltzeiten, I
e von 10% auf 90% und von 90%
auf 10%, bei
I
F = 100 mA, RL = 50 Ω
Switching times, I
e from 10% to 90% and from
90% to 10%,
I
F = 100 mA, RL = 50 Ω
t
r, tf
0.6/0.5
µs
Kapazität
Capacitance
V
R = 0 V, f = 1 MHz
C
o
15
pF
Durchlaßspannung,
Forward voltage
I
F = 100 mA, tp = 20 ms
I
F = 1 A, tp = 100 µs
V
F
V
F
1.50 (
≤ 1.8)
3.00 (
≤ 3.8)
V
V
Sperrstrom,
Reverse current
V
R = 5 V
I
R
0.01 (
≤ 1)
µA
Gesamtstrahlungsfluß,
Total radiant flux
I
F = 100 mA, tp = 20 ms
Φ
e
25
mW
Temperaturkoeffizient von I
e bzw. Φe,
I
F = 100 mA
Temperature coefficient of I
e or Φe,
I
F = 100 mA
TC
I
– 0.5
%/K
Temperaturkoeffizient von
V
F, IF = 100 mA
Temperature coefficient of
V
F, IF = 100 mA
TC
V
– 2mV/K
Temperaturkoeffizient von
λ, I
F = 100 mA
Temperature coefficient of
λ, I
F = 100 mA
TCλ
0.25
nm/K
Kennwerte (
T
A = 25 °C)
Characteristics (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com