Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4585 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH4585
Description  GaAlAs Infrared Emitters (880 nm) in SMR짰 Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4585 Datasheet(HTML) 6 Page - OSRAM GmbH

  SFH4585 Datasheet HTML 1Page - OSRAM GmbH SFH4585 Datasheet HTML 2Page - OSRAM GmbH SFH4585 Datasheet HTML 3Page - OSRAM GmbH SFH4585 Datasheet HTML 4Page - OSRAM GmbH SFH4585 Datasheet HTML 5Page - OSRAM GmbH SFH4585 Datasheet HTML 6Page - OSRAM GmbH SFH4585 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2002-08-20
6
SFH 4580, SFH 4585
Maßzeichnung
Package Outlines
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
SFH 4580
GEOY6960
3.9 (0.154)
4.5 (0.177)
Cathode
7.1 (0.280)
7.7 (0.303)
13.1 (0.516)
14.7 (0.579)
5.5 (0.217)
7.5 (0.295)
1.95 (0.077)
2.05 (0.081)
R
((3.2) (0.126))
5.4 (0.213)
6.0 (0.236)
((3.2) (0.126))
((R2.8 (0.110))
3.7 (0.146)
3.3 (0.130)
2.8 (0.110)
2.4 (0.094)
Chip position
3.9 (0.154)
4.5 (0.177)
SFH 4585
GEOY6961
3.9 (0.154)
4.5 (0.177)
Cathode
7.1 (0.280)
7.7 (0.303)
14.7 (0.579)
15.5 (0.610)
7.4 (0.291)
8.0 (0.315)
((3.2) (0.126))
5.4 (0.213)
6.0 (0.236)
((3.2) (0.126))
((R2.8 (0.110))
R
2.05 (0.081)
1.95 (0.077)
Chip position
3.9 (0.154)
4.5 (0.177)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com