Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB15F10A Datasheet(PDF) 2 Page - STMicroelectronics

Part # SMB15F10A
Description  1500 W TVS in SMB Flat
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMB15F10A Datasheet(HTML) 2 Page - STMicroelectronics

  SMB15F10A Datasheet HTML 1Page - STMicroelectronics SMB15F10A Datasheet HTML 2Page - STMicroelectronics SMB15F10A Datasheet HTML 3Page - STMicroelectronics SMB15F10A Datasheet HTML 4Page - STMicroelectronics SMB15F10A Datasheet HTML 5Page - STMicroelectronics SMB15F10A Datasheet HTML 6Page - STMicroelectronics SMB15F10A Datasheet HTML 7Page - STMicroelectronics SMB15F10A Datasheet HTML 8Page - STMicroelectronics SMB15F10A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1
Characteristics
Table 1. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
IEC 61000-4-2 (C = 150 pF, R = 330 Ω)
Contact discharge
Air discharge
30
30
kV
PPP
Peak pulse power dissipation
10/1000 µs, Tj initial = Tamb
1500
W
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature range
-55 to +175
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Figure 1. Electrical characteristics - parameter definitions
Figure 2. Pulse definition for electrical characteristics
SMB15FxxA
Characteristics
DS13415 - Rev 1
page 2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com