Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB15F10A Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMB15F10A
Description  1500 W TVS in SMB Flat
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMB15F10A Datasheet(HTML) 3 Page - STMicroelectronics

  SMB15F10A Datasheet HTML 1Page - STMicroelectronics SMB15F10A Datasheet HTML 2Page - STMicroelectronics SMB15F10A Datasheet HTML 3Page - STMicroelectronics SMB15F10A Datasheet HTML 4Page - STMicroelectronics SMB15F10A Datasheet HTML 5Page - STMicroelectronics SMB15F10A Datasheet HTML 6Page - STMicroelectronics SMB15F10A Datasheet HTML 7Page - STMicroelectronics SMB15F10A Datasheet HTML 8Page - STMicroelectronics SMB15F10A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Table 2. Electrical characteristics - parameter values (Tamb = 25 °C, unless otherwise specified)
Type
IRM max at VRM
VBR at IBR (1)
10 / 1000 µs
8 / 20µs
αT
VCL(2)(3) IPP(4)
RD
VCL(2)(3) IPP(4)
RD
25 °C 85 °C
Min. Typ. Max.
Max.
Max.
Max.
Max.
Max.
µA
V
V
mA
V
A
Ω
V
A
Ω
10-4/°C
SMB15F5.0A
20
50
5.0
6.4
6.74
7.1
10
9.2
171
0.012
13.4
746
0.008
5.7
SMB15F6.0A
20
50
6.0
6.7
7.05
7.4
10
10.3
152
0.019
13.7
730
0.009
5.9
SMB15F6.5A
20
50
6.5
7.2
7.58
8
10
11.2
140
0.023
14.5
690
0.009
6.1
SMB15F8.5A
20
50
8.5
9.4
9.9
10.4
1
14.4
105
0.038
19.5
512
0.018
7.3
SMB15F10A
0.2
1
10
11.1
11.7
12.3
1
17
92
0.051
21.7
461
0.020
7.8
SMB15F11A
0.2
1
11
12.3
13
13.7
1
18
85
0.051
24.2
413
0.025
8.1
SMB15F12A
0.2
1
12
13.3
14
14.7
1
19.9
79
0.066
25.3
394
0.027
8.3
SMB15F13A
0.2
1
13
14.4 15.2
16
1
21.5
73
0.075
27.2
368
0.030
8.4
SMB15F14A
0.2
1
14
15.7 16.5
17.3
1
23.1
67
0.087
29
338
0.035
8.6
SMB15F15A
0.2
1
15
16.7 17.6
18.5
1
24.4
64
0.092
32.5
308
0.045
8.8
SMB15F16A
0.2
1
16
17.9 18.8
19.8
1
26
58
0.107
34.7
293
0.049
9.0
SMB15F18A
0.2
1
18
20
21.1
22.2
1
29.2
53
0.132
39.3
254
0.067
9.2
SMB15F20A
0.2
1
20
22.2 23.4
24.6
1
32.4
48
0.163
42.8
234
0.078
9.4
SMB15F22A
0.2
1
22
24.4 25.7
27
1
35.5
44
0.193
48.3
207
0.103
9.6
SMB15F23A
0.2
1
23
25.7
27
28.4
1
37.8
41
0.229
49.2
202
0.103
9.6
SMB15F24A
0.2
1
24
26.7 28.1
29.5
1
38.9
40
0.235
50
200
0.103
9.6
SMB15F26A
0.2
1
26
28.9 30.4
31.9
1
42.1
37
0.276
53.5
187
0.116
9.7
SMB15F28A
0.2
1
28
31.1 32.7
34.3
1
45.4
34
0.326
59
169
0.146
9.8
SMB15F30A
0.2
1
30
33.2
35
36.8
1
48.4
32
0.363
64.3
156
0.176
9.9
SMB15F31A
0.2
1
31
34.2
36
37.8
1
50.2
31
0.400
65
153
0.178
9.9
SMB15F33A
0.2
1
33
36.7 38.6
40.5
1
53.3
29
0.441
69.7
143
0.204
10
SMB15F36A
0.2
1
36
40
42.1
44.2
1
58.1
26
0.539
76
131
0.243
10
SMB15F40A
0.2
1
40
44.4 46.7
49
1
64.5
24
0.646
84
119
0.294
10.1
SMB15F48A
0.2
1
48
53.2
56
58.8
1
77.4
20
0.930
100
100
0.412
10.3
SMB15F58A
0.2
1
58
64.6
68
71.4
1
93.6
16
1.39
121
83
0.598
10.4
SMB15F64A
0.2
1
64
71.1 74.8
78.6
1
103
14.6
1.66
134
75
0.74
10.5
1. To calculate VBR versus Tj : VBR at Tj = VBR at 25 °C x (1 + αT x (Tj - 25))
2. To calculate VCL versus Tj : VCL at Tj = VCL at 25 °C x (1 + αT x (Tj - 25))
3. To calculate VCL max versus IPPappli: VCLmax = VBR max + RD x IPPappli
4. Surge capability given for both directions
SMB15FxxA
Characteristics
DS13415 - Rev 1
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com