Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH9301 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH9301
Description  Gabellichtschranken Slotted Interrupters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9301 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH9301 Datasheet HTML 1Page - OSRAM GmbH SFH9301 Datasheet HTML 2Page - OSRAM GmbH SFH9301 Datasheet HTML 3Page - OSRAM GmbH SFH9301 Datasheet HTML 4Page - OSRAM GmbH SFH9301 Datasheet HTML 5Page - OSRAM GmbH SFH9301 Datasheet HTML 6Page - OSRAM GmbH SFH9301 Datasheet HTML 7Page - OSRAM GmbH SFH9301 Datasheet HTML 8Page - OSRAM GmbH SFH9301 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2001-02-22
4
SFH 9301, SFH 9302, SFH 9303, SFH 9304, SFH 9306
Kennwerte
T
A = 25 °C
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Sender (GaAs-Diode)
Emitter (GaAs Diode)
Wellenlänge der Strahlung
Wavelength of peak emission
λ
peak
950
nm
Durchla
βspannung
Forward voltage
I
F = 20 mA, tp = 20 ms
V
F
1.2 (
≤ 1.4)
V
Sperrstrom
Reverse current
V
R = 5 V
I
R
0.01 (
≤ 1)
µA
Kapazität
Capacitance
V
R = 0 V, f = 1 MHz
C
0
16
pF
Empfänger (Si-Fototransistor)
Detector (Silicon Phototransistor)
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S max
920
nm
Spectr. Bereich der Fotoempfindlichkeit
Spectral range of sensitivity
S = 10% of
S
max
λ
840 … 1080
nm
Kapazität
Capacitance
V
CE = 0 V, f = 1 MHz, E = 0
C
CE
6.5
pF
Dunkelstrom
Dark current
V
CE = 20 V
I
CEO
2 (
≤ 50)
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com