Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH9301 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH9301
Description  Gabellichtschranken Slotted Interrupters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9301 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH9301 Datasheet HTML 2Page - OSRAM GmbH SFH9301 Datasheet HTML 3Page - OSRAM GmbH SFH9301 Datasheet HTML 4Page - OSRAM GmbH SFH9301 Datasheet HTML 5Page - OSRAM GmbH SFH9301 Datasheet HTML 6Page - OSRAM GmbH SFH9301 Datasheet HTML 7Page - OSRAM GmbH SFH9301 Datasheet HTML 8Page - OSRAM GmbH SFH9301 Datasheet HTML 9Page - OSRAM GmbH SFH9301 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SFH 9301, SFH 9302, SFH 9303, SFH 9304, SFH 9306
2001-02-22
6
Forward Current
I
F = f (VF)
Single pulse,
t
p = 20 µs
Total Power Dissipation for
Emitter and Detector
P
tot = f (TA)
V
OHF00367
F
10
-2
0
Ι
F
12
3
4
0.5
1.5
2.5
V
10
-1
10
0
10
1
10
2
10
3
10
4
mA
T
OHF00410
A
tot
P
0
020
40
60
80
100
˚C
20
40
60
80
100
120
140
160
Detector
Emitter
Max. Permissible Forward Current
I
F = f (TA)
T
OHF00372
A
0
0
Ι
F
20
40
60
80
120
10
20
30
40
50
60
70
mA
90
C
R
thJA = 280 K/W
Dark Current
I
CEO = f (TA)
V
CE = 20 V, E = 0
T
OHF00380
A
CEO
Ι
-1
10
10
0
10
1
10
2
10
3
0
nA
20
40
60
80
100
˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com