Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS72 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74HCS72
Description  SN74HCS72-Q1 Automotive Qualified Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS72 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74HCS72 Datasheet HTML 7Page - Texas Instruments SN74HCS72 Datasheet HTML 8Page - Texas Instruments SN74HCS72 Datasheet HTML 9Page - Texas Instruments SN74HCS72 Datasheet HTML 10Page - Texas Instruments SN74HCS72 Datasheet HTML 11Page - Texas Instruments SN74HCS72 Datasheet HTML 12Page - Texas Instruments SN74HCS72 Datasheet HTML 13Page - Texas Instruments SN74HCS72 Datasheet HTML 14Page - Texas Instruments SN74HCS72 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Q
Q
CLR
PRE
D
CLK
VCC
GND
CAN Controller
CAN Controller
Power
EN
RX
nSTB
RX
I/O
R1
C1
VCC
R2
TX
TX
VCC
11
SN74HCS72-Q1
www.ti.com
SCLS774 – OCTOBER 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SN74HCS72-Q1 is an ideal device for taking a CAN wake-up request and converting it to a power supply
enable due to its low power consumption and noise rejecting inputs, which eliminate false triggers. CAN
communication can occur when the vehicle ignition is off. Therefore, many circuits are designed to work in a
standby or low power mode. Because a CAN wake-up request causes the RX pin to pulse LOW, the
SN74HCS72-Q1 will trigger off the falling edge enabling the power for the CAN controller. Then the CAN
controller powers on for the incoming communication. When communications are finished, the controller sends a
reset pulse to the SN74HCS72-Q1 and CAN transceiver putting the circuit back into a standby mode.
9.2 Typical Application
Figure 12. Power Enable Using CAN Wake-up Request
9.2.1 Design Requirements
The SN74HCS72-Q1 device allows flexibility by having complementary outputs for active-high or active-low
enables. The supply should be selected such that the device is always powered along with the CAN transceiver.
The same supply for both devices is recommended.
With the SN74HCS72-Q1, a power on reset circuit only requires a resistor (R) and capacitor (C) to create a
delay. The R and C values create a delay that is approximately 2.2×RC. In this application, it is desired to have
the output (Q) in the HIGH state at startup, so R1 and C1 are connected directly to the CLR pin, as shown in
Figure 12. A second resistor is needed to limit the current into the CAN controller when it sets the circuit back
into standby mode. It is required for the R1 resistor to be at least ten times larger than R2 to avoid a divider
circuit (R2
≤ 10R1).
The D input can be tied either to VCC or ground depending on the desired implementation. In this example, it is
tied to VCC to obtain a HIGH signal from Q when a wake-up request occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com